Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD040 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 17Page - Texas Instruments SN65MLVD040 Datasheet HTML 18Page - Texas Instruments SN65MLVD040 Datasheet HTML 19Page - Texas Instruments SN65MLVD040 Datasheet HTML 20Page - Texas Instruments SN65MLVD040 Datasheet HTML 21Page - Texas Instruments SN65MLVD040 Datasheet HTML 22Page - Texas Instruments SN65MLVD040 Datasheet HTML 23Page - Texas Instruments SN65MLVD040 Datasheet HTML 24Page - Texas Instruments SN65MLVD040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
0
200
400
600
800
50
100
150
200
250
DataRate-Mbps
V
=3.3V,
TA =25°C,
V
=800mV,
V
=1V
CC
ID
IC
Input=PRBS2 -1
15
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
TYPICAL CHARACTERISTICS (continued)
ADDED RECEIVER TYPE-2 DETERMINISTIC JITTER
vs
DRIVER OUTPUT EYE PATTERN
DATA RATE
250 Mbps, 215–1 PRBS, VCC = 3.3 V
Figure 31.
Figure 32.
RECEIVER OUTPUT EYE PATTERN
RECEIVER OUTPUT EYE PATTERN
250 Mbps, 215–1 PRBS, VCC = 3.3 V
250 Mbps, 215–1 PRBS, VCC = 3.3 V
|VID| = 400 mVPP, VIC = 1 V
|VID| = 800 mVPP, VIC = 1 V
Figure 33.
Figure 34.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com