Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD040 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 9Page - Texas Instruments SN65MLVD040 Datasheet HTML 10Page - Texas Instruments SN65MLVD040 Datasheet HTML 11Page - Texas Instruments SN65MLVD040 Datasheet HTML 12Page - Texas Instruments SN65MLVD040 Datasheet HTML 13Page - Texas Instruments SN65MLVD040 Datasheet HTML 14Page - Texas Instruments SN65MLVD040 Datasheet HTML 15Page - Texas Instruments SN65MLVD040 Datasheet HTML 16Page - Texas Instruments SN65MLVD040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
1.2 V
1.0 V
tpLH
0.2 V
-0.2 V
VA
VB
VID
90%
VOH
VOL
tpHL
10%
tf
tr
VO
VCC/2
VO
VID
VB
VA
CL
0 V
15 pF
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz,
duty cycle = 50 ±5%. CL is a combination of a 20%-tolerance, low-loss ceramic, surface-mount capacitor and fixture
capacitance within 2 cm of the D.U.T.
B.
The measurement is made on test equipment with a –3 dB bandwidth of at least 1 GHz.
Figure 10. Receiver Timing Test Circuit and Waveforms
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com