Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC710 Datasheet(PDF) 14 Page - SONiX Technology Company

Part # SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Datasheet(HTML) 14 Page - SONiX Technology Company

Back Button SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company SNC710 Datasheet HTML 10Page - SONiX Technology Company SNC710 Datasheet HTML 11Page - SONiX Technology Company SNC710 Datasheet HTML 12Page - SONiX Technology Company SNC710 Datasheet HTML 13Page - SONiX Technology Company SNC710 Datasheet HTML 14Page - SONiX Technology Company SNC710 Datasheet HTML 15Page - SONiX Technology Company SNC710 Datasheet HTML 16Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SNC710
16-bit Voice Engine
7.4 4.5V/16M ROSC
4.5V power supply with 16Mhz ROSC and PWM output
CVDD
VDD
47uF
330
330
330
330
330
VDD
15pF
220K
0.1uF
32768
15pF
SPEAKER
TR4
TR3
TR2
TR1
TR5
TR6
TR7
TR8
4.7uF
CVDD
U1
SR008_0
AD0
1
AD1
2
AD2
3
AD3
4
GND
5
AD4
6
AD5
7
AD6
8
AD7
9
VDD
10
CE_
11
READY
12
ALE_CLK
13
GND
14
BS0
15
BS1
16
BS2
17
BS3
18
BS4
19
TESTM
20
U1
SNC710
VDD
9
VDD
45
VDD
58
CVDD
12
RST
51
BP0
44
BN0
46
VO
24
XIN
26
XOUT
27
LXIN
22
LXOUT
21
TEST
49
CKSEL
48
P0.0
50
P0.1
54
P0.2
55
P0.3
56
P0.4
57
P0.5
60
P0.6
61
P0.7
62
P0.8
1
P0.9
2
P0.10
3
P0.11
4
P0.12
5
P0.13
6
P0.14
7
P0.15
8
P1.0
10
P1.1
11
P1.2
14
P1.3
15
P1.4
16
P1.5
17
P1.6
18
P1.7
19
AGND
25
AVDD
23
CVDD
53
AD0
42
AD1
41
AD2
40
AD3
39
AD4
37
AD5
36
AD6
35
CE_
32
CEIN_
31
READY
30
ALE_CLK
29
CLKIN
28
AD7
34
CVDD
33
EXTM
20
U2
SR008_1
AD0
1
AD1
2
AD2
3
AD3
4
GND
5
AD4
6
AD5
7
AD6
8
AD7
9
VDD
10
CE_
11
READY
12
ALE_CLK
13
GND
14
BS0
15
BS1
16
BS2
17
BS3
18
BS4
19
TESTM
20
CONN 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD
CVDD
1.5V
330
CONN 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
ROM#2
0x280000-0x2FFFFF
ROM#1
0x200000-0x27FFFF
330
330
75K
110K
VDD
3V
AD1
AD2
AD4
GND
AD0
AD6
AD5
AD3
CE_
AD7
READY
ALE_CLK
VDD3V
VDD3V
GND
GND
GND
AD0
GND
AD3
AD2
AD1
GND
AD5
AD4
VDD3V
AD7
AD6
READY
CE_
GND
VDD3V
ALE_CLK
GND
GND
VDD3V
GND
GND
SNC710 Main Board
Extension ROM board
Ver. 1.3
April 3, 2003
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com