Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC710 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Datasheet(HTML) 1 Page - SONiX Technology Company

  SNC710 Datasheet HTML 1Page - SONiX Technology Company SNC710 Datasheet HTML 2Page - SONiX Technology Company SNC710 Datasheet HTML 3Page - SONiX Technology Company SNC710 Datasheet HTML 4Page - SONiX Technology Company SNC710 Datasheet HTML 5Page - SONiX Technology Company SNC710 Datasheet HTML 6Page - SONiX Technology Company SNC710 Datasheet HTML 7Page - SONiX Technology Company SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SNC710
16-bit Voice Engine
======== Contents ========
1.
INTRODUCTION.........................................................................................................................3
2.
FEATURES ...................................................................................................................................3
3.
PIN ASSIGNMENTS....................................................................................................................4
4.
SYSTEM DESCRIPTIONS .........................................................................................................5
4.1
CONNECTION...............................................................................................................................5
4.2
MEMORY MAPPING .....................................................................................................................6
4.3
SYSTEM CLOCK...........................................................................................................................6
4.4
I/O PORT.....................................................................................................................................7
4.5
TIMER/COUNTER.........................................................................................................................8
4.6
DAC & PWM.............................................................................................................................8
5.
ABSOLUTE MAXIMUM RATINGS .......................................................................................10
6.
ELECTRICAL CHARACTERISTICS ....................................................................................10
7.
APPLICATION CIRCUIT ........................................................................................................11
7.1
3V/16M CRYSTAL ....................................................................................................................11
7.2
3V/16M ROSC.........................................................................................................................12
7.3
4.5V/16M CRYSTAL .................................................................................................................13
7.4
4.5V/16M ROSC......................................................................................................................14
8.
BONDING PAD ..........................................................................................................................15
Ver. 1.3
April 3, 2003
1


Similar Part No. - SNC710

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC710 SONIX-SNC710 Datasheet
475Kb / 16P
16-bit Voice Engine
SNC710_0307 SONIX-SNC710_0307 Datasheet
475Kb / 16P
16-bit Voice Engine
More results

Similar Description - SNC710

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
16-bit Voice Processor
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
SONiX Technology Compan...
SNC710_0307 SONIX-SNC710_0307 Datasheet
475Kb / 16P
16-bit Voice Engine
SNC739 SONIX-SNC739 Datasheet
164Kb / 16P
16-bit Voice Processor
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
16-bit Voice Processor
logo
Generalplus Technology ...
GPDS301A GENERALPLUS-GPDS301A Datasheet
321Kb / 10P
Voice Engine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com