Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB3200 Datasheet HTML 1Page - Texas Instruments TS3USB3200 Datasheet HTML 2Page - Texas Instruments TS3USB3200 Datasheet HTML 3Page - Texas Instruments TS3USB3200 Datasheet HTML 4Page - Texas Instruments TS3USB3200 Datasheet HTML 5Page - Texas Instruments TS3USB3200 Datasheet HTML 6Page - Texas Instruments TS3USB3200 Datasheet HTML 7Page - Texas Instruments TS3USB3200 Datasheet HTML 8Page - Texas Instruments TS3USB3200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TS3USB3200
www.ti.com
SCDS333 – JUNE 2012
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC ,VBUS
Supply voltage range(3)
–0.3
5.5
V
VI/O
Input/Output DC voltage Range(3)
–0.3
5.5
V
IK
Input/Output port diode current
VI/O < 0
–50
mA
VI
Digital input voltage range (SEL1, SEL2, PSEL)
–0.3
5.5
V
IIK
Digital logic input clamp current(3)
VI < 0
–50
mA
ICC
Continuous current through VCC
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
PACKAGE THERMAL IMPEDANCE
(1)
over operating free-air temperature range (unless otherwise noted)
TYP
UNIT
θJA
Package thermal impedance
RSV package
184
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage range
2.7
4.3
V
VBUS
VBUS Supply voltage range
4.3
5.5
V
VI/O (USB)
Analog voltage range
0
3.6
V
VI/O (ID)
VI/O (MHL)
1.6
3.4
V
VI
Digital input voltage range (SEL1, SEL2, PSEL)
0
VCC
V
TRAMP (VCC)
Power supply ramp time requirement (VCC)
100
1000
μs/V
TRAMP (VBUS)
Power supply ramp time requirement (VBUS)
100
1000
μs/V
TA
Operating free-air temperature
–40
85
ºC
ELECTRICAL CHARACTERISTICS
TA =–40°C to 85°C, Typical values are at VCC = 3.3V, TA=25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL SWITCH
RON
ON-state resistance
VCC = 2.7V
VI/O = 1.6V, ION = –8mA
5.7
Ω
ON-state resistance match
ΔRON
VCC = 2.7V
VI/O = 1.6V, ION = –8mA
0.4
Ω
between + and –paths
RON (FLAT)
ON-state resistance flatness
VCC = 2.7V
VI/O = 1.6V to 3.4V, ION = –8mA
1
Ω
Switch OFF, VMHL+/MHL– = 1.6V to 3.4V,
IOZ
OFF leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = 0 V
Switch ON or OFF, VMHL+/MHL– = 1.6V to 3.4V,
IOFF
Power-off leakage current
VCC = 0V
–10
10
µA
VD+/D– = NC
Switch ON, VMHL+/MHL– = 1.6V to 3.4V,
ION
ON leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = NC
USB SWITCH
RON
ON-state resistance
VCC = 2.7V
VI/O = 0.4V, ION = –8mA
4.6
Ω
ON-state resistance match
ΔRON
VCC = 2.7V
VI/O = 0.4V, ION = –8mA
0.4
Ω
between + and - paths
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3USB3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com