Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB3200 Datasheet HTML 2Page - Texas Instruments TS3USB3200 Datasheet HTML 3Page - Texas Instruments TS3USB3200 Datasheet HTML 4Page - Texas Instruments TS3USB3200 Datasheet HTML 5Page - Texas Instruments TS3USB3200 Datasheet HTML 6Page - Texas Instruments TS3USB3200 Datasheet HTML 7Page - Texas Instruments TS3USB3200 Datasheet HTML 8Page - Texas Instruments TS3USB3200 Datasheet HTML 9Page - Texas Instruments TS3USB3200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TS3USB3200
SCDS333 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA =–40°C to 85°C, Typical values are at VCC = 3.3V, TA=25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON (FLAT)
ON-state resistance flatness
VCC = 2.7V
VI/O = 0V to 0.4V, ION = –8mA
1
Ω
Switch OFF, VUSB+/USB– = 0V to 4.3V,
IOZ
OFF leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = 0V
Switch ON or OFF, VUSB+/USB– = 0V to 4.3V,
IOFF
Power-off leakage current
VCC = 0V
–10
10
µA
VD+/D– = NC
Switch ON, VUSB+/USB– = 0V to 4.3V,
ION
ON leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = NC
ID SWITCH
RON
ON-state resistance
VCC = 2.7V
VI/O = 3.3V, ION = –8mA
6.5
Ω
ON-state resistance match
ΔRON
VCC = 2.7V
VI/O = 3.3V, ION = –8mA
0.4
Ω
between + and - paths
Switch OFF, VID_MHL/ID_USB = 0V to 4.3V,
IOZ
OFF leakage current
VCC = 4.3V
–1
1
µA
VID_COM = 0V
Switch ON or OFF, VID_MHL/ID_USB = 0V to 4.3V,
IOFF
Power-off leakage current
VCC = 0V
–10
10
µA
VID_COM = NC
Switch ON, VID_MHL/ID_USB = 0V to 4.3V,
ION
ON leakage current
VCC = 4.3V
–1
1
µA
VID_COM = 0V
DIGITAL CONTROL INPUTS (SEL1, SEL2, PSEL)
VIH
Input logic high
VCC = 2.7V to 4.3V
1.3
V
VIL
Input logic low
VCC = 2.7V to 4.3V
0.6
V
IIN
Input leakage current
VCC = 4.3V, VI/O = 0V to 4.3V, VIN = 0 to 2V
–10
10
μA
DYNAMIC CHARACTERISTICS
TA = –40°C to 85°C, Typical values are at VCC = 3.3V, TA=25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL(1)/USB/ ID SWITCH
tpd
Propagation Delay
RL = 50 Ω, CL = 5 pF
VCC = 2.7V to 4.3V
0.1
ns
tON
Turn-on time
RL = 50 Ω, CL = 5 pF
VCC = 2.7V to 4.3V
400
ns
tOFF
Turn-off time
RL = 50 Ω, CL = 5 pF
VCC = 2.7V to 4.3V
400
ns
Skew of opposite transitions of same
tSK(P)
VCC = 2.7 V or 3.3V
VCC = 2.7V to 4.3V
0.1
0.2
ns
output
CON(MHL)
MHL path ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch ON
1.6
pF
CON(USB)
USB path ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch ON
1.4
pF
COFF(MHL)
MHL path OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch OFF
1.4
pF
COFF(USB)
USB path OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch OFF
1.6
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 or 2V
2.2
pF
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
OISO
OFF Isolation
Switch OFF
–35
dB
f = 240 MHz
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
XTALK
Crosstalk
Switch ON
–35
dB
f = 240 MHz
BW(MHL)
MHL path –3dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
6.0(1)
GHz
BW(USB)
USB path –3dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
6.0(1)
GHz
BW(ID)
ID path –3dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
4.0
GHz
SUPPLY
VBUS
VBUS Power supply voltage
4.3
5.5
V
VCC
Power supply voltage
2.7
4.3
V
ICC
Positive supply current
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V
Switch ON or OFF
40
70
µA
VCC = 0 V, VBUS = 5.5 V, VIN = VCC or GND,
ICC, VBUS
Positive supply current (VBUS Mode)
Switch ON or OFF
50
µA
VI/O = 0 V
(1)
Specified by Design
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TS3USB3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com