Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-MOD-RF-T Datasheet(PDF) 32 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 28Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 29Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 30Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 31Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 32Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 33Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 34Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
6-1
EM35x Development Kit User Guide
120-4030-000E
6 Using the InSight Adapter
6.1
Overview
The InSight Adapter (ISA3) provides an Ethernet connection to EM35x devices. You can use the InSight Adapter to
perform the following tasks:
•
Program and debug using Serial Wire or JTAG.
•
Monitor packets sent and received by the radio.
•
Send and receive serial port data.
•
Send and receive debugging data.
•
Turn power on and off.
•
Control reset, bootloader and GPIO signals.
6.2
Connectivity and Power
All the features of the InSight Adapter are available via the Ethernet connection. The ISA3 can also be
connected to a PC via USB to change the Ethernet settings.
When connected via USB, the InSight Adapter will also be powered via USB. It should be connected to a powered
USB hub, or port on your PC that is capable of supplying full power to connected devices.
When connected via Ethernet, the InSight Adapter may be powered in one of two ways:
•
Using an Ethernet switch that supplies Power Over Ethernet (PoE).
•
Using a USB power supply.
The ISA3 will also supply power to the connected EM35x device when the power switch is in the INT (Internal)
position. If the connected EM35x device has its own power supply, ensure the power switch is kept in the EXT
(External) position.
You can connect via Ethernet to the ports listed in Table 6-1 using either InSight Desktop or a terminal
application (for example, Microsoft Telnet Client, HyperTerminal, or PuTTY).
Table 6-1. InSight Adapter Ports
Port
Use
4900
Virtual serial port on EM35x via InSight Port cable.
4901
Physical serial port on EM35x via Data Emulation Interface cable.
4902 or 23
Admin interface.
6.3
Ethernet Settings
By default, InSight Adapters are configured to get an IP address via DHCP. They are assigned hostnames of EM-
ISA3-00, EM-ISA3-01, etc. You can use InSight Desktop to discover the ISA3s on the network and see their IP
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com