Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-MOD-RF-T Datasheet(PDF) 39 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 36Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 37Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 38Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 39Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 40Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 41Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 42Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 43Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
8-1
EM35x Development Kit User Guide
120-4030-000E
8 Software Tools Overview
8.1
Using the EM357 Nodetest Application
The Nodetest Application replaces the Rangetest Application provided with earlier releases. This new
application supports a more advanced command parser and provides results in a more consistent, easy to parse
format.
The Nodetest application is pre-programmed on to the Radio Communication Modules (RCMs) included with your
EM35x Development Kit. The pre-built application image is also located at {stack installation
directory}\app\nodetest\nodetest.s37.
You may communicate with the serial interface of the Nodetest application using the methods described in
Chapter 6. Ensure that the serial port is configured for 115200 baud, 8 data bits, No parity, and 1 stop bit. By
default the InSight Adapter (ISA3) is configured in this way, but it can be adjusted in this manner:
•
Connect to the admin interface of the ISA3.
•
Issue the baud rate configuration comment for the pass-through UART (port 1): port 1 115200
The Nodetest application provides on-line help about the available commands that can be viewed by executing
the command “help”. All input parameters to Nodetest are specified in hexadecimal.
8.2
Running a Packet Error Test
A typical usage scenario for the Nodetest application is measurement of Packet Error Rate (PER). PER is defined
in 802.15.4 as the percentage of transmitted packets that are not detected correctly. The Nodetest application
provides two commands "rx" and "tx" that are designed to interoperate with the "receive" and "transmit"
commands from the EM250 Rangetest application.
PER measurement procedure:
1.
Load the Nodetest application on two EM357 nodes.
2.
Set the radio to the desired channel on both nodes with the "setchannel n" command where "n" is the
desired channel number in hex.
3.
Issue the "rx" command on the first node.
4.
Issue the "tx a" command on the second node. (This command will transmit 10 (hex a) packets of the
form required for PER analysis. For actual PER analysis, send 1000 or more packets.)
5.
Observe the PER result in the third column of the "rx" command output, for example1:
> rx
{{(rx)} test start ('e'nd)}
#{{(rx)}
{num}
{seq}
{per} {lqi}
{rssi}{gain} {status} {time}
{length}}
{ {
1} {
1} {
0} {0x00} {-22} {0x31} {0x4000} {0x000F3716} {0x12}
}
{ {
2} {
2} {
0} {0x00} {-22} {0x31} {0x4000} {0x000F9FE6} {0x12}
}
{ {
3} {
3} {
0} {0x00} {-22} {0x31} {0x4000} {0x000008B6} {0x12}
}
1 This example may show different length packets than you see.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com