Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2221 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 35Page - Texas Instruments XIO2221 Datasheet HTML 36Page - Texas Instruments XIO2221 Datasheet HTML 37Page - Texas Instruments XIO2221 Datasheet HTML 38Page - Texas Instruments XIO2221 Datasheet HTML 39Page - Texas Instruments XIO2221 Datasheet HTML 40Page - Texas Instruments XIO2221 Datasheet HTML 41Page - Texas Instruments XIO2221 Datasheet HTML 42Page - Texas Instruments XIO2221 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
Table 3-4. EEPROM Register Loading Map (continued)
SERIAL EEPROM
BYTE DESCRIPTION
WORD ADDRESS
25h
PCI 2Eh, subsystem ID, byte 0
26h
PCI 2Fh, subsystem ID, byte 1
[7]
[6]
[5:3]
[2]
[1]
[0]
Link_Enh enab_unfair
HC Control
RSVD
Link_Enh
Link_Enh enab_accel
RSVD
27h
Program Phy
Enable
28h
Mini-ROM address, this byte indicates the MINI ROM offset into the EEPROM
00h = No MINI ROM
01h to FFh = MINI ROM offset
29h
OHCI 24h, GUIDHi, byte 0
2Ah
OHCI 25h, GUIDHi, byte 1
2Bh
OHCI 26h, GUIDHi, byte 2
2Ch
OHCI 27h, GUIDHi, byte 3
2Dh
OHCI 28h, GUIDLo, byte 0
2Eh
OHCI 29h, GUIDLo, byte 1
2Fh
OHCI 2Ah, GUIDLo, byte 2
30h
OHCI 2Bh, GUIDLo, byte 3
31h
Reserved — no bits loaded
32h
PCI F5h, Link_Enh, byte 1, bits 7, 6, 5, 4
33h
PCI F0h, PCI miscellaneous, byte 0, bits 7, 4, 2, 1, 0
34h
PCI F1h, PCI miscellaneous, byte 1, bits 1, 0
35h
Reserved — no bits loaded
36h
Reserved — no bits loaded
37h
Reserved — no bits loaded
38h
Reserved — no bits loaded
39h
Reserved multifunction select register
3Ah
End-of-list indicator (80h)
This format must be explicitly followed for the bridge to correctly load initialization values from a serial
EEPROM. All byte locations must be considered when programming the EEPROM.
The serial EEPROM is addressed by the bridge at slave address 1010 000b. This slave address is
internally hardwired and cannot be changed by the system designer. Therefore, all three hardware
address bits for the EEPROM are tied to VSS to achieve this address. The serial EEPROM in the sample
application circuit (Figure 3-6) assumes the 1010b high-address nibble. The lower three address bits are
terminal inputs to the chip, and the sample application shows these terminal inputs tied to VSS.
During an EEPROM download operation, bit 4 (ROMBUSY) in the serial-bus control and status register is
asserted. After the download is finished, bit 0 (ROM_ERR) in the serial-bus control and status register
may be monitored to verify a successful download.
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
39
Submit Documentation Feedback
Product Folder Link(s): XIO2221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com