Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2221
Description  PCI Express??TO 1394b OHCI WITH 1-PORT PHY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button XIO2221 Datasheet HTML 9Page - Texas Instruments XIO2221 Datasheet HTML 10Page - Texas Instruments XIO2221 Datasheet HTML 11Page - Texas Instruments XIO2221 Datasheet HTML 12Page - Texas Instruments XIO2221 Datasheet HTML 13Page - Texas Instruments XIO2221 Datasheet HTML 14Page - Texas Instruments XIO2221 Datasheet HTML 15Page - Texas Instruments XIO2221 Datasheet HTML 16Page - Texas Instruments XIO2221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
XIO2221
www.ti.com
SCPS216A – JULY 2009 – REVISED FEBRAURY 2010
PCI Express™ TO 1394b OHCI WITH 1-PORT PHY
Check for Samples: XIO2221
1
Introduction
1.1
XIO2221 Features
123
• Full ×1 PCI Express™ (PCIe) Throughput
• Fully Compliant With PCI Express Base Specification, Revision 1.1
• Utilizes 100-MHz Differential PCI Express Common Reference Clock or 125-MHz Single-Ended
Reference Clock
• Fully Supports Provisions of IEEE Std P1394b-2002
• Fully Compliant With Provisions of IEEE Std 1394-1995 for a High-Performance Serial Bus and IEEE
Std 1394a-2000
• Fully Compliant With 1394 Open Host Controller Interface (OHCI) Specification, Revision 1.1 and
Revision 1.2 Draft
• One IEEE Std 1394b Fully Compliant Cable Port at 100M Bit/s, 200M Bit/s, 400M Bit/s, and 800M Bit/s
• Cable Ports Monitor Line Conditions for Active Connection to Remote Node
• Cable Power Presence Monitoring
• EEPROM Configuration Support to Load Global Unique ID for 1394 Fabric
• Support for D1, D2, D3hot
• Active-State Link Power Management Saves Power When Packet Activity on the PCI Express Link Is
Idle, Using Both L0s and L1 States
• Eight 3.3-V Multifunction General-Purpose I/O (GPIO) Terminals
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
OHCI-Lynx is a trademark of Texas Instruments.
3
PCI Express is a trademark of PCI-SIG.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com