Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 3 Page - Texas Instruments

Part # Std
Description  TPS62125EVM-044 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 3 Page - Texas Instruments

  Std Datasheet HTML 1Page - Texas Instruments Std Datasheet HTML 2Page - Texas Instruments Std Datasheet HTML 3Page - Texas Instruments Std Datasheet HTML 4Page - Texas Instruments Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
0.01
0.1
1
10
100
1000
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
= 12 V
IN
V
= 17 V
IN
V
= 5 V
IN
www.ti.com
TPS62125EVM-044 Test Results
J1 – VIN
Positive input connection from the input supply for the EVM.
J2 – S+/S-
Input voltage sense connections. Measure the input voltage at this point.
J3 – GND
Return connection from the input supply for the EVM.
J4 – VOUT
Output voltage connection.
J5 – S+/S-
Output voltage sense connections. Measure the output voltage at this point.
J6 – GND
Output return connection.
J7 – PG/GND
The PG output appears on pin 1 of this header with a convenient ground on pin 2.
JP1 – EN
EN pin input jumper. Place the supplied jumper across ON and EN to turn on the IC.
Place the jumper across OFF and EN to turn off the IC. Do not install the supplied
jumper to utilize the adjustable enable threshold voltage feature of the IC.
JP2 – PG
PG pin pullup voltage jumper. Place the supplied jumper on JP2 to connect the PG pin
Pullup Voltage
pullup resistor to Vout. Alternatively, the jumper can be removed and a different
voltage can be supplied on pin 1 to pull up the PG pin to a different level. This
externally applied voltage must remain below 12 V.
2.2
Setup
To operate the EVM, set jumpers JP1 through JP2 to the desired positions per Section 2.1. Connect the
input supply to J1 and J3 and connect the load to J4 and J6.
3
TPS62125EVM-044 Test Results
This section provides test results of the TPS62125EVM-044.
Figure 1. Efficiency (R1, R2, and R3 not installed. JP1 connected between ON and EN.)
3
SLVU659A – March 2012 – Revised March 2012
TPS62125EVM-044 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com