Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 12 Page - Texas Instruments

Part # Std
Description  TPS62125EVM-044 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 12 Page - Texas Instruments

Back Button Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Std Datasheet HTML 14Page - Texas Instruments Std Datasheet HTML 15Page - Texas Instruments Std Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Schematic and Bill of Materials
www.ti.com
5.2
Bill of Materials
Table 2. TPS62125EVM-044 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
1
C1
10 µF
Capacitor, Ceramic, 25V, X5R, ±20%
0805
Std
Std
1
C2
10 µF
Capacitor, Ceramic, 16V, X5R, ±20%
0805
Std
Std
1
C5
22 µF
Capacitor, POSCAP, 20V, ±20%
3528[B]
20TQC22MYFB
Sanyo
1
L1
15 µH
Inductor, Power, 0.56 A, 275-m
Ω, ±20%
3 X 2.5 mm
VLF302515MT-150M
TDK
2
R1, R4
1.8M
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R2
442k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R3
274k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R5
576k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R6
100k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
U1
TPS62125
IC, 3V-17V, 300mA Buck Converter with Adjustable Enable
WSON-8
TPS62125DSG
TI
Threshold and Hysteresis
The TPS62125EVM-044 may be populated with TPS62125 (U1) devices that do not contain the correct
top side markings on the top of the device itself. These devices are still fully tested TPS62125 devices and
meet the specified electrical characteristics in the datasheet.
12
TPS62125EVM-044 Evaluation Module
SLVU659A – March 2012 – Revised March 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com