Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR3PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AR3PD
Description  Fast Switching Avalanche Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR3PD Datasheet(HTML) 1 Page - Vishay Siliconix

  AR3PD Datasheet HTML 1Page - Vishay Siliconix AR3PD Datasheet HTML 2Page - Vishay Siliconix AR3PD Datasheet HTML 3Page - Vishay Siliconix AR3PD Datasheet HTML 4Page - Vishay Siliconix AR3PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89332
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 04-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Switching Avalanche Surface Mount Rectifiers
AR3PD, AR3PG, AR3PJ
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in lighting, fast switching rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, automotive, and telecommunication.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Glass passivated chip junction
• Fast reverse recovery time
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 14 mm x 14 mm pad areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended pad area
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
200 V, 400 V, 600 V
IFSM
50 A
trr
140 ns
EAS
20 mJ
VF at IF = 3.0 A
1.04 V
TJ max.
175 °C
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
K
2
1
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AR3PD
AR3PG
AR3PJ
UNIT
Device marking code
AR3D
AR3G
AR3J
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
1.8
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Non-repetitive avalance energy at TJ = 25 °C
IAS = 2.5 A max.
EAS
20
mJ
IAS = 1.0 A typ.
30
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AR3PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR3PD VISHAY-AR3PD Datasheet
92Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR3PD VISHAY-AR3PD Datasheet
91Kb / 6P
Fast Switching Avalanche Surface Mount Rectifiers
12-Nov-13
AR3PD VISHAY-AR3PD_15 Datasheet
91Kb / 6P
Fast Switching Avalanche Surface Mount Rectifiers
12-Nov-13
AR3PD VISHAY-AR3PD_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
More results

Similar Description - AR3PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR3PK VISHAY-AR3PK Datasheet
92Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR4PD VISHAY-AR4PD Datasheet
92Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
18-May-11
AR4PD VISHAY-AR4PD_12 Datasheet
94Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
18-May-11
AR4PK VISHAY-AR4PK_12 Datasheet
93Kb / 5P
Fast Switching Avalanche Surface Mount Rectifiers
04-May-11
AR3PK VISHAY-AR3PK_15 Datasheet
90Kb / 6P
Fast Switching Avalanche Surface Mount Rectifiers
21-Aug-13
AR3PD VISHAY-AR3PD_15 Datasheet
91Kb / 6P
Fast Switching Avalanche Surface Mount Rectifiers
12-Nov-13
AR3PD VISHAY-AR3PD_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
AR3PK VISHAY-AR3PK_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
AR4PD VISHAY-AR4PD_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
AR4PK VISHAY-AR4PK_V01 Datasheet
100Kb / 5P
Fast Switching Avalanche Surface-Mount Rectifiers
26-Feb-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com