Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR3PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AR3PD
Description  Fast Switching Avalanche Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR3PD Datasheet(HTML) 2 Page - Vishay Siliconix

  AR3PD Datasheet HTML 1Page - Vishay Siliconix AR3PD Datasheet HTML 2Page - Vishay Siliconix AR3PD Datasheet HTML 3Page - Vishay Siliconix AR3PD Datasheet HTML 4Page - Vishay Siliconix AR3PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89332
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 04-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AR3PD, AR3PG, AR3PJ
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad are; thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 14 mm x 14 mm copper pad areas; RJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
1.24
1.6
V
TA = 125 °C
1.04
1.20
Reverse current
Rated VR
TA = 25 °C
IR (2)
0.33
10
μA
TA = 125 °C
44
250
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
122
140
ns
Typical junction capacitance per diode
Rated VR = 4.0 V, 1 MHz
CJ
44
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AR3PD
AR3PG
AR3PJ
UNIT
Typical thermal resistance
RJA (1)
85
°C/W
RJM (2)
5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
AR3PJ-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
AR3PJ-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
AR3PJHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
AR3PJHM3/86A (1)
0.10
87A
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com