Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3PJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AS3PJ
Description  High Current Density Standard Avalanche
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3PJ Datasheet(HTML) 1 Page - Vishay Siliconix

  AS3PJ Datasheet HTML 1Page - Vishay Siliconix AS3PJ Datasheet HTML 2Page - Vishay Siliconix AS3PJ Datasheet HTML 3Page - Vishay Siliconix AS3PJ Datasheet HTML 4Page - Vishay Siliconix AS3PJ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
AS3PD thru AS3PM
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jul-11
1
Document Number: 88837
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Standard Avalanche
Surface Mount Rectifiers
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Glass passivated chip junction
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• AEC-Q101 qualified
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 10 mm x 10 mm pad areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
200 V to 1000 V
IFSM
70 A
EAS
20 mJ
VF at IF = 3 A
0.90 V
TJ max.
175 °C
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
K
2
1
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS3PD
AS3PG
AS3PJ
AS3PK
AS3PM
UNIT
Device marking code
AS3D
AS3G
AS3J
AS3K
AS3M
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
2.1
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
70
A
Non-repetitive avalanche energy
at TJ = 25 °C
IAS = 2.5 A max.
EAS
20
mJ
IAS = 1.0 A typical
30
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AS3PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3PJ VISHAY-AS3PJ Datasheet
92Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
13-Jul-11
AS3PJ VISHAY-AS3PJ Datasheet
109Kb / 5P
High Current Density Standard Avalanche Surface-Mount Rectifiers
15-Apr-2020
More results

Similar Description - AS3PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3PD VISHAY-AS3PD Datasheet
92Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
13-Jul-11
AS4PD VISHAY-AS4PD Datasheet
93Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
13-Jul-11
AS4PGHM386A VISHAY-AS4PGHM386A Datasheet
89Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
14-Aug-13
logo
Bruckewell Technology L...
SS15P50 BWTECH-SS15P50 Datasheet
543Kb / 3P
High Current Density Surface Mount
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
SS5P10 VISHAY-SS5P10_15 Datasheet
96Kb / 6P
High Current Density Surface Mount
18-Jun-12
V15P45 VISHAY-V15P45_15 Datasheet
87Kb / 6P
High Current Density Surface Mount
12-Oct-12
V20PWM12 VISHAY-V20PWM12 Datasheet
120Kb / 5P
High Current Density Surface Mount
01-Jun-17
AS3PD VISHAY-AS3PD_V01 Datasheet
109Kb / 5P
High Current Density Standard Avalanche Surface-Mount Rectifiers
15-Apr-2020
AS4PD VISHAY-AS4PD_V01 Datasheet
107Kb / 5P
High Current Density Standard Avalanche Surface-Mount Rectifiers
23-Nov-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com