| Electronic Components Datasheet Search |
|
Y-CONC-R802U-RJ6P-2000-A Datasheet(PDF) 35 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R802U-RJ6P-2000-A Datasheet(HTML) 35 Page - YAMAHA CORPORATION |
|
35 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 34 Description: Y-ConFlange adapter modules for use with Y-ConUSB-PCB-**Jacks Y-ConFlange Adaptergehäuse für die Y-ConUSB-PCB-** Buchsen Material: PBT, black Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. Part Number Colour Y-ConFlange-10 Blue Y-ConFlange-10-B Black Part Number Adapter Use Y-ConUSB-Adapter-10 for all USB-A modules Y-ConUSB-Adapter-20 for all USB-B modules Series Design Number (see table below) Y-ConUSB-Adapter - ** Part Number (Details) Outline Dimensions Description: Universal mounting flange with an integrated 2C seal (also in the screw area) to ensure IP6* protection when mounted with Y-ConCover-10-* Universeller Gehäuseflansch mit integrierter 2K-Dichtung (auch im Schraubbereich). Damit sind für Y-ConCover-10-* im montierten Zustand die Schutzarten IP6* gewährleistet Material: Flange Body PBT, UL94V-0 Flanschgehäuse Flange Seal TPE, UL94 HB Flanschdichtung Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. Series Design Number No Mark = Blue B = Black Y-ConFlange - 10 - * Part Number (Details) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |