| Electronic Components Datasheet Search |
|
Y-CONC-R802U-RJ6P-2000-A Datasheet(PDF) 39 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R802U-RJ6P-2000-A Datasheet(HTML) 39 Page - YAMAHA CORPORATION |
|
39 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 38 Description: IEEE1394b (800 Mbit/s) cable assembly Standard length = 2.0 meters. IEEE1394b (800 Mbit/s) Kabelkonfektionen Standardlänge = 2.0 Meter. Material: Jacket: PUR, black Mantel Specifications: Operating Temp.: -10°C ~ +70°C Betriebstemp. Other cable lengths and cable specifications available on request Andere Kabellängen und Kabelspezifikation auf Anfrage erhältlich Part Number (Details) Y-ConC - IE6 ** - ** ** - **** - E Series IE6 = IEEE, 6 contacts Protection side 1 6P = IP67 plastic cover 2S = IP20 strain relief Interface side 2 IE = IEEE CU = customer specific FE = free end (cut only) Protection side 2 6P = IP67 plastic cover 2S = IP20 strain relief CU = customer specific Length in mm Wiring Plan E = Standard IEEE F = Custom Interface side 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |