Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4100RBZB Datasheet(PDF) 1 Page - Tyco Electronics

Part # H4100RBZB
Description  Axial Leaded Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H4100RBZB Datasheet(HTML) 1 Page - Tyco Electronics

  H4100RBZB Datasheet HTML 1Page - Tyco Electronics H4100RBZB Datasheet HTML 2Page - Tyco Electronics H4100RBZB Datasheet HTML 3Page - Tyco Electronics H4100RBZB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Data
Lead Material:
Solderability to BS CECC 40101 004 Para 4.15.1
Encapsulation:
Conformal Epoxy Coating
Resistor Marking:
Legend printed in accordance with CECC 40000 Para 2.4
Solvent Resistance:
The epoxy coating and print will withstand the action of all commonly
used industrial cleansing solvents
Characteristics - Electrical
H4P
H4
H8
BS CECC 40101 004
Style:
KH
J
Power Rating at 70°C:
0.25W
0.063W
0.125W
Temperature Rise (max):
32°C
14°C
28°C
Limiting Element Voltage:
250V
200V
200V
BS CECC 40101 030
Style:
JH
Power Rating at 125°C:
0.125W
0.1W
Temperature Rise (max):
30°C
30°C
Limiting Element Voltage:
250V
200V
BS CECC 40101 804
Style:
BA
Power Rating at 125°C:
0.25W
0.125W
Limiting Element Voltage:
250V
200V
Commercial Ratings
Power Rating at 70°C:
1.0W
0.5W
0.25W
Temperature Rise:
70°C
55°C
40°C
Limiting Element Voltage:
500V
350V
350V
Axial Leaded Precision Resistors
Type HOLCO Series
1773230 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Ultra Precision -
Down To 0.05%
I Matched Sets Available
To 2ppm/°C
I High Pulse Withstand
I Low Reactance
I Low TCR - Down
To 5ppm/°C
I Long Term Stability
I Up To 1 Watt At 70°C
I Released To CECC 40101
004, 030 And 804
The Holco range of Precision Metal Film Resistors meets the requirement for economically
priced components for industrial and military applications. The manufacturing facility
utilises closely controlled production processes including the sputter coating of metal alloy
films to ceramic substrates, and laser spiralling to achieve close tolerance and high
stability resistors. An epoxy coating is applied for environmental and mechanical
protection. Commercially the Series is available in two case sizes, from 1 ohm to
4M ohms, tolerances from 0.05% to 1% and TCR's from 5ppm/°C to 100ppm/°C. Offered
with release to BS CECC 40101 004, 030 and 804 the H8 is available via distribution.


Similar Part No. - H4100RBZB

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H410 IVO-H410 Datasheet
512Kb / 4P
Totalizers mechanic
H410.010A02A IVO-H410.010A02A Datasheet
512Kb / 4P
Totalizers mechanic
H410.010A02B IVO-H410.010A02B Datasheet
512Kb / 4P
Totalizers mechanic
logo
Tyco Electronics
H410RAAA MACOM-H410RAAA Datasheet
196Kb / 4P
Type HOLCO Series
H410RAAB MACOM-H410RAAB Datasheet
196Kb / 4P
Type HOLCO Series
More results

Similar Description - H4100RBZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
Ultra Precision Leaded Resistors
08-Mar-04
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
High Precision Leaded Resistors
21-Aug-07
logo
Tyco Electronics
1879635 MACOM-1879635 Datasheet
63Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
1879620 MACOM-1879620 Datasheet
64Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879622 MACOM-1879622 Datasheet
63Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4P
1879631 MACOM-1879631 Datasheet
64Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1773230 MACOM-1773230 Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
Axial Leaded Precision Resistors
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com