Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4100RBZB Datasheet(PDF) 4 Page - Tyco Electronics

Part # H4100RBZB
Description  Axial Leaded Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H4100RBZB Datasheet(HTML) 4 Page - Tyco Electronics

  H4100RBZB Datasheet HTML 1Page - Tyco Electronics H4100RBZB Datasheet HTML 2Page - Tyco Electronics H4100RBZB Datasheet HTML 3Page - Tyco Electronics H4100RBZB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H8
100R
B
Y
B
Common Part
1.0 ohm
(1000 milli ohms) 1R0
10 ohm
(10 ohms) 10R
100 ohm
(100 ohms) 100R
1K 0hm
(1000 ohms) 1K0
10K ohm
(10000 ohms) 10K
100K ohm
(100000 ohms) 100K
1M ohm
(1000000 ohms) 1M0
ResistanceValue
Tolerance
H4P
H4
H8
A - 0.05%
B - 0.1%
C - 0.25%
D - 0.5%
F - 1.0%
T.C.R. Code
A - Part can only
be sold with
Commercial or
C of C release.
B - Part can be
sold to BS CECC
40101 004,
BS CECC 40101
030
D - Part can
be sold to
BS CECC 40101
804
Release
A - 5ppm
B - 10ppm
Y - 15ppm
D - 25ppm
C - 50ppm
Z - 100ppm
How to Order
Derating Graph -
Approved and Commercial Ratings
Axial Leaded Precision Resistors
Type HOLCO Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com