Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R402M-RJ6P-2000-A Datasheet(PDF) 12 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-RJ6P-2000-A Datasheet(HTML) 12 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Part Number
Available Colours
Y-ConIP20Lock-Clip-1
Red
(R-030)
Y-ConIP20Lock-Clip-2
Orange (OR-005)
Y-ConIP20Lock-Clip-3
Yellow (GE-013)
Y-ConIP20Lock-Clip-4
Green (GR-041)
Y-ConIP20Lock-Clip-5
Blue
(BL-012)
Y-ConIP20Lock-Clip-6
Grey
(G-038)
Y-ConIP20Lock-Clip-7
White (W-040)
Series
Side 1
Side 2
Cable Length
Wiring
Wiring
Series
Available Colours
Y-ConC- R ** 2U - **** - **** - *
Y-ConIP20Lock-Clip
- *
Part Number Example
Part Number (Details)
Outline Dimensions
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
11
Description:
IP20Lock 90° molded cable assembly,
with option for an additional colour coded locking
slider for increased mechanical retention.
Available with various Y-Con plug and cable
combinations
IP20Lock 90° umspritzte Kabelkonfektion mit optionalem-
zusätzlichem Schiebeverschluss (farbcodiert) für verbesserte
mechanische Rückhaltekraft. Erhältlich in verschiedenen
Y-Con Stecker- und Kabelkombinationen
Material:
PA66
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
For Part number details: see page 12
For Holding frames: see page 9
Description:
Colour coded locking slider for
Y-ConC-R**2U-****-***** - *
Farbcodierter Schiebeverschluss für
Y-ConC-R**2U-****-*****
- *
Material:
PA66
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
IP20 Protected Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com