Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R402M-RJ6P-2000-A Datasheet(PDF) 41 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-RJ6P-2000-A Datasheet(HTML) 41 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 38Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 39Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 40Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 41Page - YAMAHA CORPORATION Y-CONC-R402M-RJ6P-2000-A Datasheet HTML 42Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
40
Product Tests
Vibration
10-500Hz, 50g, no contact interrupt >30ns
DIN IEC 60068-2-6
Shock
1 mio. shocks at 50g
Mating / Unmating Force IP20
< 20N
DIN EN 60603-7
Effectiveness of lock
50N for 60sec
DIN EN 60603-7
Rapid change of temperature
-40 ~ +85°C for 100 cycles
DIN IEC 60068-2-14
Dry heat
80°C + 120°C for 1,000 hrs
DIN IEC 60068-2-2
Damp heat
40°C, 93% humidity for 56 days
DIN IEC 60068-2-78
Industrial atmosphere
4 gases for 10 days
DIN IEC 60068-2-60 (method 4)
Electrical load
1.5A for 1,000 hrs
DIN IEC 60512-5
Current rating
2.1A at 70°C
DIN IEC 60512-5-2
Strain relief
80N static + 30N dynamic
DIN 57472-625
Drag Chain
min. 100,000 up to max. 1 mio. cycles
Ultraviolet radiation
40°C, 16 hrs at 700W + 16 hrs at 0W
DIN IEC 60068-2-9
Salt spray
48 hrs
DIN IEC 60068-2-11
Dust test
20mbar for 8 hrs
DIN EN60068-2-68
IP67
0.1 bar (= 1.0m depth) for 30 minutes
DIN 40050-9
IP68
0.1 bar (= 1.0m depth) for 48 hrs
DIN 40050-9
IP69K
High pressure water jet (80 bar)
DIN 40050-9
from 4 positions x 30 seconds
80°C water temperature
Test
Requirement
Standards
Results only apply to specific products. Not all tests were carried out on all products. Details on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com