Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLFD500 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 17Page - Texas Instruments TLFD500 Datasheet HTML 18Page - Texas Instruments TLFD500 Datasheet HTML 19Page - Texas Instruments TLFD500 Datasheet HTML 20Page - Texas Instruments TLFD500 Datasheet HTML 21Page - Texas Instruments TLFD500 Datasheet HTML 22Page - Texas Instruments TLFD500 Datasheet HTML 23Page - Texas Instruments TLFD500 Datasheet HTML 24Page - Texas Instruments TLFD500 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VCR-M – VCXO DAC control register MSB
Address: 00110b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
VCR–M[7]
VCR–M[6]
VCR–M[5]
VCR–M[4]
VCR–M[3]
VCR–M[2]
VCR–M[1]
VCR–M[0]
VCR-L – VCXO DAC control register LSB
Address: 00111b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
VCR–L[3]
VCR–L[2]
VCR–L[1]
VCR–L[0]
Table 8 shows some representative analog outputs.
Table 8. Representative Analog Outputs
OPERATION
HEX RESULT
ANALOG OUTPUT
COMMENTS
VCR–M[7:0] * 24 + VCR–L[3:0]
0x800
0 V
Min scale
0x801
∆V
Just above min
…
…
…
0xFFF
2047
∆V
Just below mid
0x000
2048
∆V
Mid scale
0x001
2049
∆V
Just above mid
…
…
…
0x7FE
4094
∆V
Just below max
0x7FF
4095
∆V
Max scale
Where step–size,
∆ = (3/4095) V.
For example, if 0xAA7 is desired, VCR-M and VCR-L should be set to 0xAA and 0x07;
if 0x539 is desired, VCR-M and VCR-L should be set to 0x53 and 0x09.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com