Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLFD500 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 4Page - Texas Instruments TLFD500 Datasheet HTML 5Page - Texas Instruments TLFD500 Datasheet HTML 6Page - Texas Instruments TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments TLFD500 Datasheet HTML 10Page - Texas Instruments TLFD500 Datasheet HTML 11Page - Texas Instruments TLFD500 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
clock control – DPLL mode
As an alternative to the VCXODAC and VCXO, an off-chip crystal oscillator (XO) followed by an on-chip digital
PLL are also implemented. Refer to Figure 7 for an internal function block diagram. The input clock (35.328
MHz) goes to a programmable frequency divider to generate sampling clock for the ADC and DAC converters.
By changing the divide ratio, the phase of the sampling clock can be adjusted. Setting PLLSEL (pin 42) high
will enable the DPLL mode. Refer to DPLL section for detail.
clock generation
The clock generation block creates the necessary internal and external clocks needed by the device. All the
clocks generated are produced from the CLKIN signal.
The following are recommended operational parameters for the external VCXO:
3.3-V supply, 35.328 MHz
±50 PPM center frequency, and input control voltage range of 0 V–3 V.
The recommended duty cycle is 50/50.
clock generation – SCLK
SCLK is an output and is used for serial data transfer. It runs at 35.328 MHz. Although SCLK and MCLK run
at the same speed, there is no fixed phase relationship between them.
serial interface
The serial interface on the TLFD500PN connects directly to TI’s C54x or C6x families of DSPs. The interface
operates at 35.328 MHz. The serial port consists of five signals: SCLK, FSX, FSR, SDX, and SDR. A typical
connection diagram is shown in Figure 2.
DSP
SCLK
CLKR
CLKX
FSX
FSR
DX
DR
FSR
FSX
SDR
SDX
TLFD500PN
Figure 2. Typical Serial Port Connection
The serial port utilizes a primary/secondary scheme to transfer conversion data and control register data. A
primary transfer scheme, used to transfer conversion data, occurs every conversion period. A secondary
transfer scheme, used to transfer control data, happens only when requested by the host processor. The host
processor requests a secondary transfer by using the LSB of the SDR data of the primary scheme. A value of
1 indicates a secondary transfer request. Once the secondary request is made and the primary transfer has
been completed, secondary frame sync pulse (FSX/FSR) are transmitted to the host processor to indicate the
beginning of the secondary transfer. The secondary FSX signal arrives 16 SCLKs after the primary FSX, and
thus 48 SCLKs after the host processor request. This is because the span between FSX pulses for primary
transfers is always 32 SCLKs. Each bit is read/written at the rising edge of the SCLK clock. Data bit mappings
and example data transfers are shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com