Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IPS21
Description  Precision Feedback Controllers Fixed and PTAT references
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IPS21 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
6 / 12
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING
Characteristics
Value
UNITS
IPS 20 and IPS21 Max ICC (4V shunt regulator)
140
mA
Opto sourcing current with external resistor
20
mA
Operating junction temperature
- 40 to 150
°C
Storage temperature range
- 55 to 150
Lead temperature (3 mm from case for 5 sec.)
260
PARAMETER
TEST CONDITIONS
PARAMETERS
UNITS
Supply, Bias
MIN.
TYP.
MAX.
Shunt regulator voltage
ICC = 1 to 30 mA
3.8
4
4.2
V
Shunt regulator dynamic
resistance (see figure 1)
1 to 50 mA
-
1
3
Ω
Shunt regulator max peak
repetitive current
-
100
-
mA
Min ICC to ensure operation
(internal current)
-
-
600
μΑ
Voltage Regulation
VSENSE threshold (note1)
IOPTO = 500 μA
Zin=10K
Ω
1.17
1.19
1.21
V
VSENSE threshold variation with
temperature
IOPTO= 500 μA, -40°C to +85°C
(see figure 2)
-
+/- 3
+/- 6
mV
Output impedance of VCOMP
-
1
-
K
Ω
Voltage gain to VCOMP
(see figure 7)
-
115
-
dB
Unity gain bandwidth
(see figure 7)
-
500
-
KHz
Phase margin in unity gain
-
82
-
Degrees
VSENSE Input current
-
1.0
μA
Transconductance from VSENSE
to OPTO
@ VCC = 2.5V
(see figure 5)
-
4
-
mA/mV
Max OPTO output sourcing
current without ext. resistor
@ VCC = 5V
(see figure 5)
1.2
-
-
mA
Max OPTO output sourcing
current with ext. resistor
@ VCC = 2.5V
(see figure 3)
10
-
-
mA
Current Limiting
ISENSE threshold (IPS20)
ICC = 1 mA
(see figure 3)
52
54
56
mV
ISENSE threshold variation with
temperature (IPS20)
ICC = 1 mA, -40°C to +85°C
(see figure 3)
-
0.16
-
mV /°C
ISENSE threshold (IPS21)
ICC = 1 mA
(see figure 4)
97
99
101
mV
ISENSE threshold variation with
temperature (IPS21)
ICC = 1 mA, -40°C to +85°C
(see figure 4)
-
3
-
μV/°C
Output impedance of ICOMP
-
1
-
ΚΩ
Voltage gain to ICOMP
(see figure 8)
-
138
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com