Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPS21
Description  Precision Feedback Controllers Fixed and PTAT references
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPS21 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
1 / 12
IN-PLUG® series: IPS20 and IPS21
Precision Feedback Controllers
Fixed and PTAT references
R
RE
EV
V5
5
INTRODUCTION
DESCRIPTION
IN-PLUG
®
IPS20 & IPS21 Integrated Circuits are
low-voltage current sensing feedback controllers used
in Switch Mode Power Supplies to control load-side
current and voltage. They have been designed to limit
the power dissipated in the sensing circuitry for high
output
current
applications
that
require
current
limiting. They also provide excellent loop stability
and superb transient response. They both incorporate a
4V shunt regulator for maximum flexibility to power
the chip.
The IPS20 and IPS21 only differ by the characteristics
of the current sensing references.
The IPS20 incorporates a trimmed 54mV reference
with a positive temperature coefficient which closely
matches that of a PCB copper trace. This copper trace
sensing method can be used inexpensively with very
low associated power losses.
The IPS21 incorporates a temperature compensated
100mV reference for more conventional resistors.
Both controllers feature the same voltage regulator
section with a trimmed temperature stable voltage
reference of 1.19V. This allows the output voltage of
the SMPS to be set to any value down to about 1.2V.
The IPS20 and IPS21 are suitable for any SMPS and
any make of SMPS controllers, including flyback,
forward, PFC and DC/DC solutions.
These flyback controllers work best in complement
with the
IN-PLUG
®
family of IPS1x flyback
controllers, IPS10x PFC controllers and IPS20x Push-
Pull controllers.
FEATURES
• Dual precision regulators for SMPS voltage and
current control
• Output currents up to 50A
• Output voltage down to 1.2V
• 54mV or 100mV current sensing voltage
• 1.19V voltage reference
• Operates with grounded optocoupler
• 4V shunt regulator for VCC supply
APPLICATIONS
• Fast chargers for power tools and other
applications
• Battery eliminators
• Industrial and bench-type power supplies
• Distributed power systems
PIN CONFIGURATION: DIP-8 / SOIC-8
ORDERING INFORMATION
For part number, packaging, and ordering
information, please refer to the second-to-last page of
this datasheet.
VCC
OUT (-)
IS
VS
VCOMP
OPTO
GND
IPS20
IPS21
1
45
8
ICOMP


Similar Part No. - IPS21

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041PBF IRF-IPS2041PBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Linear Technology
LT580 LINER-LT580 Datasheet
200Kb / 4P
Precision References
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
PRECISION REFERENCES
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com