Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002GS Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5002GS
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GS Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5002GS Datasheet HTML 6Page - IXYS Corporation CPC5002GS Datasheet HTML 7Page - IXYS Corporation CPC5002GS Datasheet HTML 8Page - IXYS Corporation CPC5002GS Datasheet HTML 9Page - IXYS Corporation CPC5002GS Datasheet HTML 10Page - IXYS Corporation CPC5002GS Datasheet HTML 11Page - IXYS Corporation CPC5002GS Datasheet HTML 12Page - IXYS Corporation CPC5002GS Datasheet HTML 13Page - IXYS Corporation CPC5002GS Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R01
CPC5002
4.2 Application Example
Shown below is an example of an isolated POE Controller SMBus where the SDA signal has been split into separate
SDAIN and SDOUT signals on the isolated slave side of the barrier. In this example, the low power SMBus master, not
shown, requires a buffer (U3) capable of driving the CPC5002 input LEDs. Although selection of the appropriate
buffer is determined by the product definition and the ability to drive the LED’s, it is recommended the buffer have
Schmitt trigger inputs to ensure clean bounce-free LED drive signals. A high power SMBus master with the ability to
sink 4mA of pullup current may not require a buffer to drive the CPC5002 inputs. In this example, the POE Controllers
are specified as SMBus high power and I2C compatible. This enables the POE Controllers to drive the CPC5002
LEDs directly without the need of an external buffer.
Circuit design of the SMBus physical layer using the CPC5002 consists of two parts, one being the LED input drive
current and the other being the buffered galvanically isolated logic output signals.
The following design constraints are assumed for this example:
• Supply Voltages: VDDx = 3.0V to 3.6V
• Ambient Temperature: TA = 0°C to 70°C
• VOL  0.4V for U3 and the POE Controllers
• IOL  4mA for U3 and the POE Controllers
• Resistors:
• Tolerance = 1%
• Temperature Coefficient = 100ppm
Figure 3. Optically isolated SMBus for POE Controllers with Separate SDAIN and SDAOUT Pins
To minimize pulse width distortion of the output signal, the input LED drive current needs to be set at the lower end of
it’s operational range. Because the forward voltage of the LED has a negative temperature coefficient this will occur at
the minimum operating temperature point with the minimum supply voltage. With VDD = 3.0V and VF = 1.442V at
TA = 0°C and IF = 1.4mA, the calculated maximum value for the series input resistor RS is 826.8. Taking tolerance
and value change due to temperature into account, the nearest E96 standard value sets RS = 806. Using
VOL_Nominal = 0.25V and VOL_Minimum = 0.1V and calculating for the LED current range over the specified operating
conditions with RS = 806, the LED input current IF will be 1.455mA to 3.212mA. At nominal operating conditions with
TA = 25°C, the nominal LED input current is: IF_Nominal = 2.28mA.
SCL
M
SDA
M
INT
M
SCL
SDA
IN
SDA
OUT
SMBus
POE
Controllers
1
2
3
4
8
7
6
5
CPC5002
3.3V
DDS
3.3V
DDS
3.3V
DDS
3.3V
DDS
GND
M
GND
S
3.3V
DDM
3.3V
DDM
3.3V
DDM
1
2
3
4
8
7
6
5
CPC5002
R1
806
Ω
3.3V
DDM
3.3V
DDM
GND
S
GND
M
3.3V
DDS
3.3V
DDS
3.3V
DDS
3.3V
DDS
0.1
μF
0.1
μF
0.1
μF
0.1
μF
3.3V
DDM
U3
U1
R2
806
Ω
U2
R3
806
Ω
R4
806
Ω
R9*
R10*
INT
SCL
SDA
IN
SDA
OUT
INT
R9 and R10 are not required for this design.
See text for explanation.
*
R6
511
Ω
R5
511
Ω
R7
10k
R8
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com