Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002GS Datasheet (PDF) - IXYS Corporation

CPC5002GS Datasheet PDF - IXYS Corporation
Part # CPC5002GS
Download  CPC5002GS Download
File Size   1623.62 Kbytes
Page   14 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual High-Speed Open-Drain

CPC5002GS Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5002GS Datasheet PDF - IXYS Corporation

Part # CPC5002GS
Download  CPC5002GS Click to download

File Size   1623.62 Kbytes
Page   14 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual High-Speed Open-Drain

CPC5002GS Datasheet (HTML) - IXYS Corporation


CPC5002GS Product details

Description
The CPC5002 is a dual high speed optical logic isolator with open-drain outputs providing 3750Vrms of galvanic isolation between the inputs and the outputs. Activating the input LED causes the open-drain output to turn on, pulling the voltage of the external pullup resistor towards ground. Utilizing CMOS technology enables the output stage’s high-gain circuitry to operate with a miserly power consumption of <5mW (typical) when operated with a 3.3V supply voltage and a low input LED drive current of 1.5mA.

Features
• Dual Optical Isolator
• Buffers Two Independent Signals
• Power-Down to Hi-Z Doesnt Load Outputs
• Low-Power CMOS Reduces Supply Current
• Output operates Over 2.7V < VDD < 5.5V
• LED Drive Current Only 1.5mA
• High Speed: 10Mbaud Typical
• 3750Vrms Galvanic Isolation
• Single 8-Pin DIP or Surface Mount Package

Applications
• Test and Measurement
• A/D and D/A Isolation
• Power Converter Isolation
• Medical
• Ground Loop Elimination
• I2C Bus Isolation
• Computer Bus Isolation
• Isolated Line Receiver




Similar Part No. - CPC5002GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5001 IXYS-CPC5001 Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001G IXYS-CPC5001G Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GS IXYS-CPC5001GS Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GSTR IXYS-CPC5001GSTR Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
More results


Similar Description - CPC5002GS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
Dual Inverter (Open Drain)
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
Dual Inverter Open Drain
HD74LV1GW07A RENESAS-HD74LV1GW07A Datasheet
75Kb / 6P
Dual Buffer Open Drain
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 0
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A_15 Datasheet
156Kb / 7P
Dual Buffer Open Drain
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com