Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5001GS Datasheet (PDF) - IXYS Corporation

CPC5001GS Datasheet PDF - IXYS Corporation
Part # CPC5001GS
Download  CPC5001GS Download
File Size   203.24 Kbytes
Page   9 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual, One Channel Each Direction Digital Optical Isolator

CPC5001GS Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5001GS Datasheet PDF - IXYS Corporation

Part # CPC5001GS
Download  CPC5001GS Click to download

File Size   203.24 Kbytes
Page   9 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual, One Channel Each Direction Digital Optical Isolator

CPC5001GS Datasheet (HTML) - IXYS Corporation


CPC5001GS Product details

Description

The CPC5001 is a dual, non-inverting digital optical isolator with buffered-logic inputs and open-drain outputs. Channel 1 propagates a signal from Side A to Side B, while Channel 2 sends a signal from Side B to Side A. It provides galvanic isolation up to 3750Vrms. When the two sides are powered by supplies with different voltages, it also functions as a logic level translator for supply voltages as low as 2.7V or as high as 5.5V. Available in 8-pin DIP and surface mount packages, it functionally replaces two logic buffers and two single-channel optoisolators. Internal bandgap references regulate the LED drive currents to 3mA to reduce peak power requirements.



Features

• Isolates One Signal in Each Direction

• Operates From 2.7V to 5.5V

• Buffered Inputs - No External LED Drive Required

• Voltage Level Translation

• Hysteresis at Inputs for Noise Rejection

• Slew-Limited Drivers Reduce EMI

• Power-Down to Hi-Z Does Not Load Outputs

• 5Mbaud Data Rate

• 8-Pin DIP or Surface Mount Packages



Applications

• Isolated Signal Monitoring and Control

• Power-Over-Ethernet

• Power Supply High-Side Interface

• Logic-Level Translation

• Microprocessor System Interface

• Inter-Integrated Circuit (I2C) Interface

• Serial Peripheral Interface (SPI)

• Full Duplex Communication

• Isolated Line Receiver

• Isolated Data Acquisition Systems




Similar Part No. - CPC5001GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5002 IXYS-CPC5002 Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002G IXYS-CPC5002G Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002GS IXYS-CPC5002GS Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002GSTR IXYS-CPC5002GSTR Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
More results


Similar Description - CPC5001GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com