Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2KA Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # S2KA
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

S2KA Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  S2KA Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 2.0A
FEATURES
• Ideal for surface mount pick and
place application
• Low profile package
• Built-in strain relief
• High surge capability
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL S2AA S2BA S2DA S2GA S2JA S2KA S2MA UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(TL=110
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=125
oC
µA
Typical Junction Capacitance
(Note 1)
CJ
pF
Typical Thermal Resistance
(Note 2)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1.Measured at 1.0 MHz and applied voltage of 4.0Vdc
2.Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode.com
SURFACE MOUNT GLASS
PASSIVATED RECTIFIER
S2AA THRU S2MA
16
60
V
-65 to +150
IR
5.0
200
30
(Single-phase, half-wave,60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for
capacitive load, derate current by 20%)
RATINGS
IF(AV)
2.0
A
IFSM
A
VF
1.1
TECHNICAL
SPECIFICATION
B
C
A
D
G
H
F
SMA/DO-214AC
Dimensions in inches and (millimeters)
A
BCD
MAX. .110(2.79) .177(4.50) .058(1.47) .012(0.305)
MIN. .100(2.54) .157(3.99) .052(1.32) .006(0.152)
EF
G
H
MAX. .208(5.28) .090(2.29) .008(0.203) .060(1.52)
MIN. .194(4.93) .078(1.98) .004(0.102) .030(0.76)


Similar Part No. - S2KA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2KA DIODES-S2KA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2KA WTE-S2KA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2KA TSC-S2KA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2KA TSC-S2KA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
S2KA BILIN-S2KA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - S2KA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com