Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP441 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 2 Page - Texas Instruments

  TMP441 Datasheet HTML 1Page - Texas Instruments TMP441 Datasheet HTML 2Page - Texas Instruments TMP441 Datasheet HTML 3Page - Texas Instruments TMP441 Datasheet HTML 4Page - Texas Instruments TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
TWO-WIRE
PACKAGE
PACKAGE
PRODUCT
DESCRIPTION
ADDRESS
PACKAGE-LEAD
DESIGNATOR
MARKING
Single-Channel
TMP441
Remote Junction
100 11xx
SOT23-8
DCN
DIGI
Temperature Sensor
TMP442A
Dual-Channel
100 1100
SOT23-8
DCN
DIHI
Remote Junction
TMP442B
100 1101
SOT23-8
DCN
DIJI
Temperature Sensor
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TMP441, TMP442
UNIT
Power Supply
VS
+7
V
Pins 1, 2, 3, and 4 only
–0.5 to VS + 0.5
V
Input Voltage
Pins 6 and 7 only
–0.5 to 7
V
Input Current
10
mA
Operating Temperature Range
–55 to +127
°C
Storage Temperature Range
–60 to +130
°C
Junction Temperature
TJ max
+150
°C
Human Body Model
HBM
3000
V
ESD Rating
Charged Device Model
CDM
1000
V
Machine Model
MM
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com