Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP441 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 9Page - Texas Instruments TMP441 Datasheet HTML 10Page - Texas Instruments TMP441 Datasheet HTML 11Page - Texas Instruments TMP441 Datasheet HTML 12Page - Texas Instruments TMP441 Datasheet HTML 13Page - Texas Instruments TMP441 Datasheet HTML 14Page - Texas Instruments TMP441 Datasheet HTML 15Page - Texas Instruments TMP441 Datasheet HTML 16Page - Texas Instruments TMP441 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ONE-SHOT CONVERSION
CONFIGURATION REGISTER 2
CONVERSION RATE REGISTER
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
The
LEN
bit
enables
the
local
temperature
measurement channel. If LEN = '1', the local channel
When the TMP441/42 are in shutdown mode (SD = 1
is enabled; if LEN = '0', the local channel is disabled.
in the Configuration Register 1), a single conversion
can start on all enabled channels by writing any value
The
REN
bit
enables
external
temperature
to the One-Shot Start Register, pointer address 0Fh.
measurement channel 1 (connected to pins 1 and 2.)
This write operation starts one conversion; the
If REN = '1', the external channel is enabled; if REN =
TMP441/42 return to shutdown mode when that
'0', the external channel is disabled.
conversion completes. The value of the data sent in
For the TMP442 only, the REN2 bit enables the
the write command is irrelevant and is not stored by
second external measurement channel (connected to
the
TMP441/42.
When
the
TMP441/42
are
in
pins 3 and 4.) If REN2 = '1', the second external
shutdown mode, the conversion sequence currently
channel is enabled; if REN2 = '0', the second external
in process must be completed before a one-shot
channel is disabled.
command can be issued. One-shot commands issued
during a conversion are ignored.
The temperature measurement sequence is local
channel, external channel 1, external channel 2,
shutdown, and delay (to set conversion rate, if
necessary). The sequence starts over with the local
Configuration
Register
2
(pointer
address
0Ah)
channel. If any of the channels are disabled, they are
controls which temperature measurement channels
skipped in the sequence. Table 6 summarizes the
are enabled and whether the external channels have
bits of Configuration Register 2.
the resistance correction feature enabled or not.
The RC bit enables the resistance correction feature
for the external temperature channels. If RC = '1',
The Conversion Rate Register (pointer address 0Bh)
series resistance correction is enabled; if RC = '0',
controls the rate at which temperature conversions
resistance
correction
is
disabled.
Resistance
are performed. This register adjusts the idle time
correction should be enabled for most applications.
between conversions but not the conversion timing
However, disabling the resistance correction may
itself,
thereby
allowing
the
TMP441/42
power
yield slightly improved temperature measurement
dissipation to be balanced with the temperature
noise performance, and reduce conversion time by
register update rate. Table 7 shows the conversion
about 50%, which could lower power consumption
rate options and corresponding current consumption.
when conversion rates of two per second or less are
A one-shot command can be used during the idle
selected.
time
between
conversions
to
immediately
start
temperature conversions on all enabled channels.
Table 6. Configuration Register 2 Bit Descriptions
CONFIGURATION REGISTER 2 (Read/Write = 0Ah, POR = 1Ch for TMP441; 3Ch for TMP442)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
7, 6
Reserved
—
0
0 = External channel 2 disabled
1 (TMP442)
5
REN2
1 = External channel 2 enabled
0 (TMP441)
0 = External channel 1 disabled
4
REN
1
1 = External channel 1 enabled
0 = Local channel disabled
3
LEN
1
1 = Local channel enabled
0 = Resistance correction disabled
2
RC
1
1 = Resistance correction enabled
1, 0
Reserved
—
0
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com