Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS37F128 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS37F128
Description  CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37F128 Datasheet(HTML) 2 Page - Texas Instruments

  TMS37F128 Datasheet HTML 1Page - Texas Instruments TMS37F128 Datasheet HTML 2Page - Texas Instruments TMS37F128 Datasheet HTML 3Page - Texas Instruments TMS37F128 Datasheet HTML 4Page - Texas Instruments TMS37F128 Datasheet HTML 5Page - Texas Instruments TMS37F128 Datasheet HTML 6Page - Texas Instruments TMS37F128 Datasheet HTML 7Page - Texas Instruments TMS37F128 Datasheet HTML 8Page - Texas Instruments TMS37F128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DBT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
35
36
37
38
39
40
41
42
43
44
TDAT
TEN
RF2
NPOR
RF3
VCC_CU
WDEEN
VBAT
VBATI
P3.6/A6
TCLK
RF1
VCL
AM_MOD
GND_AF
RSSI
WAKE
BUSY
EOBA
11
12
13
14
P3.7/A7
P2.3/A3
P2.4/A4
P1.0
P1.1
30
31
32
33
34
CLKA/M
P3.0/A5
P2.1/A1
P2.0/A0
RST
15
16
17
P1.2
P1.3
18
19
20
21
22
P1.4
P1.5
P1.6
NC
P1.7
28
29
XIN
XOUT
23
24
25
26
27
VSS_MSP
P2.5
VCC_MSP
NC
TEST
P2.2/A2
TMS37F128
SCBS878 – APRIL 2012
www.ti.com
DESCRIPTION
The Controller Remote Access Identification Device (CRAID) combines three functions in one device:
•
Low-power 16-bit microcontroller based on the MSP430F1232 core
•
3D wakeup receiver
•
DST80 immobilizer interface
With these three functions, it is ideally suited for state-of-the-art passive entry and passive start applications. The
low-power microcontroller MSP430™ core offers a 16-bit RISC architecture, 8KB program memory, and 17 user-
accessible I/O ports. The 3D low-frequency (LF) wakeup receiver offers high sensitivity to receive LF signals
between 120 kHz and 140 kHz and has several other features such as RSSI measurement and bidirectional LF
signaling.
The embedded DST80 immobilizer interface offers a high level of security through its hardware encryption
coprocessor and can also handle mutual authentication schemes. The immobilizer interface operates without
battery support. Power management features include battery charge and check as well as a battery backup
function allowing operation of all functions (including the microcontroller) with low or even no battery as long as
there is sufficient energy from the LF field.
The passive entry device manages the immobilizer communication, push-button interaction, and LF wake
reception. The special high-Q design achieves communication ranges up to 3 m for the passive entry link with
outstanding low standby current on the receiver side. The front end offers flexible configuration of two different
wake patterns lengths of 0, 4, 8, or 16 bits. Each channel can be adjusted in sensitivity and resonance
frequency, which results in reproducible system designs. By sensing the pressing of a push button, the device
wakes up and controls an external UHF transmitter or transceiver. Security keys and rolling codes can be stored
in the integrated EEPROM memory. This memory is accessible over the LF interface without support from the
battery in the keyfob. The passive entry device offers a special battery backup mode to operate the
microcontroller without battery support. The external resonant circuit with an LF coil and a resonant capacitor can
be trimmed to the correct resonant frequency with the integrated trimming capability, eliminating part tolerances.
Ordering Information(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
–40°C to 85°C
TSSOP – DBT
TMS37F128D3IDBTRG4
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TMS37F128



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com