Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS37F128 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS37F128
Description  CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37F128 Datasheet(HTML) 1 Page - Texas Instruments

  TMS37F128 Datasheet HTML 1Page - Texas Instruments TMS37F128 Datasheet HTML 2Page - Texas Instruments TMS37F128 Datasheet HTML 3Page - Texas Instruments TMS37F128 Datasheet HTML 4Page - Texas Instruments TMS37F128 Datasheet HTML 5Page - Texas Instruments TMS37F128 Datasheet HTML 6Page - Texas Instruments TMS37F128 Datasheet HTML 7Page - Texas Instruments TMS37F128 Datasheet HTML 8Page - Texas Instruments TMS37F128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TMS37F128
www.ti.com
SCBS878 – APRIL 2012
CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED
MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
Check for Samples: TMS37F128
1
FEATURES
–
Up to 8-kbit/s LF Uplink Data Rate
–
5-/3-Byte Challenge/Response Algorithm
2
•
Wide Supply Voltage Range: 1.8 V to 3.6 V
–
Fast Authentication Within 42 ms
•
Ultralow Power Consumption
–
Fast Mutual Authentication Within 65 ms
–
CPU Active Mode: 200
μA/MHz at 2.2 V
–
133-Byte EEPROM
–
Standby Mode (LPM3): 0.7
μA
–
91-Byte Free Available EEPROM User
–
Off Mode (LPM4): 0.1
μA
Memory
–
Power-Down Mode: 60 nA
–
32-Bit Unique Serial Number
•
Microcontroller System and Peripherals
–
High EEPROM Security and Flexibility
–
16-Bit RISC Architecture, 125-ns Instruction
–
Write-Only Authentication Keys
Cycle Time
–
Pages Are Irreversibly Lockable and
–
Wake-Up From Standby Mode in <6
μs
Protectable
–
Basic Clock Module Configurations
–
Protected Pages Programmable Only
–
Single External Resistor
Through Mutual Authentication
–
32-kHz Crystal
–
Battery Check and Charge Functions
–
High-Frequency Crystal
–
Each User Page is Lockable
–
Resonator
–
Resonant Frequency: 134.2 kHz
–
External Clock Source
–
Integrated Resonant Frequency Trimming
–
16-Bit Timer_A With Three
•
Low-Frequency 3D Wakeup Receiver
Capture/Compare Registers
–
Highest Communication Range of More
–
10-Bit 200-ksps Analog-to-Digital (A/D)
Than Three Meters
Converter With Internal Reference, Sample-
–
High Input Sensitivity: 4.2 mVpp (Typ)
and-Hold, and Autoscan
–
High Q System
–
8KB + 256B Flash Memory
–
Integrated Resonant Circuit Trimming
–
256B RAM
Compensates for Component Offsets
–
133-Byte EEPROM
–
Received Signal Strength Indicator (RSSI)
–
Serial Onboard Programming, No External
Output for Each Channel
Programming Voltage Needed
–
Resonant Circuit Usable as Clock
–
Programmable Code Protection by Security
Reference for Microcontroller (134.2 kHz)
Fuse
–
Frequency Range: 120 kHz to 140 kHz
–
80-Bit DST80 Security Authentication
–
Ultra-Low Standby Current: 3.9
μA (Typ)
Coprocessor
With All Three Channels Active for Wake
–
17 I/O Ports
Pattern Detection
•
Low-Frequency (LF) Immobilizer Interface
–
Interface to up to Three External Antennas
–
Integrated Batteryless Immobilizer Interface
–
Two Different Programmable Wake Patterns
–
Half Duplex (HDX) Immobilizer
–
Selectable Wake Pattern Length:
Communication Achieves up to 4-in (10-cm)
0, 4, 8 or 16 Bits
Read Range
–
Two Separate Adjustable Wake-Up Levels
–
Special Selective Addressing Mode Allows
–
Digital Channel Sensitivity Adjustment for
Reliable Learn-In Sequence
Each Antenna
–
80-Bit Authentication Key Length
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS37F128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37F136 TI-TMS37F136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
TMS37F158 TI1-TMS37F158 Datasheet
176Kb / 8P
CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
TMS37F158LGIDBTRG4 TI1-TMS37F158LGIDBTRG4 Datasheet
176Kb / 8P
CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
More results

Similar Description - TMS37F128

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83266 NSC-DP83266 Datasheet
1Mb / 152P
MACSITM Device (FDDI Media Access Controller and System Interface)
logo
ATMEL Corporation
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C505A ATMEL-AT76C505A Datasheet
42Kb / 3P
802.11b Media Access Controller (MAC) and Baseband with USB Interface
logo
ams AG
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37F158 TI1-TMS37F158 Datasheet
176Kb / 8P
CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Sciosense B.V.
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com