Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2J Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # US2J
Description  SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

US2J Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  US2J Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 2.0A
FEATURES
• Ideal for surface mount pick and
place application
• Low profile package
• Built-in strain relief
• High surge capability
• Glass passivated chip
• Ultra fast recovery for high efficiency
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
US
2A
US
2B
US
2D
US
2G
US
2J
US
2K
US
2M
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(TL=90
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Maximum Reverse Recovery Time
(Note 1)
trr
nS
Typical Junction Capacitance
(Note 2)
CJ
pF
Typical Thermal Resistance
(Note 3)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1.Reverse recovery condition IF=0.5A, IR=1.0A,Irr=0.25A.
2.Measured at 1.0 MHz and applied voltage of 4.0Vdc
3.Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode.com
25
20
-50 to +150
RATINGS
IF(AV)
2.0
IR
5.0
350
50
A
US2A THRU US2M
SURFACE MOUNT ULTRA
FAST SWITCHING RECTIFIER
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
75
A
VF
1.0
1.4
1.7
V
IFSM
50
TECHNICAL
SPECIFICATION
B
C
A
D
G
H
F
SMB/DO-214AA
Dimensions in inches and (millimeters)
AB
CD
MAX. .155(3.94) .180(4.57) .083(2.11) .012(0.305)
MIN. .130(3.30) .160(4.06) .077(1.96) .006(0.152)
EF
G
H
MAX. .220(5.59) .096(2.44) .008(0.203) .060(1.52)
MIN. .205(5.21) .084(2.13) .004(0.102) .030(0.76)


Similar Part No. - US2J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
US2J DIOTEC-US2J Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2J WEITRON-US2J Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2J DIOTEC-US2J Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2J SEMIKRON-US2J Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
MIC GROUP RECTIFIERS
US2J MIC-US2J Datasheet
62Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - US2J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
UF1A SSE-UF1A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US1A SSE-US1A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US1AB SSE-US1AB Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US2AA SSE-US2AA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US3A SSE-US3A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
US1A MAKOSEMI-US1A Datasheet
89Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com