Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575PGC Datasheet(PDF) 35 Page - Texas Instruments

Part # TNETA1575PGC
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575PGC Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETA1575PGC Datasheet HTML 31Page - Texas Instruments TNETA1575PGC Datasheet HTML 32Page - Texas Instruments TNETA1575PGC Datasheet HTML 33Page - Texas Instruments TNETA1575PGC Datasheet HTML 34Page - Texas Instruments TNETA1575PGC Datasheet HTML 35Page - Texas Instruments TNETA1575PGC Datasheet HTML 36Page - Texas Instruments TNETA1575PGC Datasheet HTML 37Page - Texas Instruments TNETA1575PGC Datasheet HTML 38Page - Texas Instruments TNETA1575PGC Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 7 and Figure 18)
UTOPIA interface
NO.
MIN
MAX
UNIT
fclock(ACLK)
Clock frequency, ATMCLK†
0.33 fclock(PCLK)
3 fclock(PCLK)
MHz
1
tw(SEGCLKH)
Pulse duration, SEGCLK high
12
ns
2
tw(SEGCLKL)
Pulse duration, SEGCLK low
12
ns
3
tsu(SEGEN)
Setup time, SEGEN low before SEGCLK
↑
10
ns
4
th(SEGEN)
Hold time, SEGEN low after SEGCLK
↑
1
ns
† The UTOPIA-clock (ATMCLK) frequency cannot be greater than three times the PCI-clock (PCLK) frequency or less than one-third the PCI-clock
(PCLK) frequency because synchronization can break down on the FIFOs and cells can be lost. If this relationship is maintained between the
PCLK clock and the ATMCLK clock, the PCLK clock can operate at or below 33 MHz and cells are not lost.
NOTE 7: All output signals are generated on the rising edge of SEGCLK. All inputs are sampled on the rising edge of SEGCLK.
operating characteristics (see Note 7 and Figure 18)
UTOPIA interface
NO.
PARAMETER
MIN
MAX
UNIT
5
td(SEGCLAV)
Delay time, SEGCLK
↑ to SEGCLAV↓
1
20
ns
6
td(SEGSOC)
Delay time, SEGCLK
↑ to SEGSOC↑
1
20
ns
7
td(SEGDATA)
Delay time, SEGCLK
↑ to SEGDATA7–SEGDATA0 valid
1
20
ns
8
td(SEGPAR)
Delay time, SEGCLK
↑ to SEGPAR valid
1
20
ns
NOTE 7. All output signals are generated on the rising edge of SEGCLK. All inputs are sampled on the rising edge of SEGCLK.
SEGDATA7–
SEGDATA0
(output)
SEGCLAV
(output)
SEGCLK
(input)
1
2
SEGSOC
(output)
6
7
SEGEN
(input)
Byte 1
Byte 2
Byte 3
Byte 49
Input
Ignored
Byte 50
Byte 48
Byte 51
4
5
3
SEGPAR
(output)
8
Figure 18. Segmentation-Cell Interface (PHY/ATM Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com