Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575PGC Datasheet(PDF) 39 Page - Texas Instruments

Part # TNETA1575PGC
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575PGC Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETA1575PGC Datasheet HTML 35Page - Texas Instruments TNETA1575PGC Datasheet HTML 36Page - Texas Instruments TNETA1575PGC Datasheet HTML 37Page - Texas Instruments TNETA1575PGC Datasheet HTML 38Page - Texas Instruments TNETA1575PGC Datasheet HTML 39Page - Texas Instruments TNETA1575PGC Datasheet HTML 40Page - Texas Instruments TNETA1575PGC Datasheet HTML 41Page - Texas Instruments TNETA1575PGC Datasheet HTML 42Page - Texas Instruments TNETA1575PGC Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics (see Note 10 and Figure 22)
local-bus interface – read operation
NO.
PARAMETER
MIN
MAX
UNIT
1
td(LBCS1)1
Delay time, LBR/W
↑ to LBCS1↓
57
67
ns
2
td(LBREADY)
Delay time, LBREADY
↓ to LBCS1↑
115
125
ns
NOTE 10: If LBREADY does not go low within eight PCI-clock cycles after LBCS1 goes active low, TNETA1575 latches in the data of the
LBDATA7–LBDATA0 bus and terminates the read operation.
PCLK
(input)
LBAD11–LBAD0
(output)
LBDATA7–LBDATA0
(input)
LBCS1
(output)
2
LBR/W
(output)
LBREADY
(input)
1
Figure 22. Local-Bus Interface – Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com