Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGC Datasheet(PDF) 69 Page - Texas Instruments

Part # TNETX3100PGC
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGC Datasheet(HTML) 69 Page - Texas Instruments

Back Button TNETX3100PGC Datasheet HTML 65Page - Texas Instruments TNETX3100PGC Datasheet HTML 66Page - Texas Instruments TNETX3100PGC Datasheet HTML 67Page - Texas Instruments TNETX3100PGC Datasheet HTML 68Page - Texas Instruments TNETX3100PGC Datasheet HTML 69Page - Texas Instruments TNETX3100PGC Datasheet HTML 70Page - Texas Instruments TNETX3100PGC Datasheet HTML 71Page - Texas Instruments TNETX3100PGC Datasheet HTML 72Page - Texas Instruments TNETX3100PGC Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
69
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO write cycle
D TNETX3100 host-register address data SAD1–SAD0 and SDATA7–SDATA0 are asserted and SRNW is
taken low.
D After the setup time, SCS is taken low, initiating a write cycle.
D The TNET3100 pulls SRDY low as the data is accepted and SDATA7–SDATA0, SAD1–SAD0, and SRNW
are deasserted after the hold time is satisfied.
D SCS is taken high by the host to complete the cycle, causing SRDY to be deasserted, and SRDY is driven
high for one cycle before going to the high-impedance (Z) state.
timing requirements (see Note 11 and Figure 19)
write cycle DIO interface
NO.
MIN
MAX
UNIT
1
tw(SCS)
Pulse duration, SCS low
40
ns
2
tsu(SAD)
Setup time, SAD1–SAD0 valid before SCS
↓
0
ns
3
tsu(SDATA)
Setup time, SDATA7–SDATA0 valid before SCS
↓
0
ns
4
tsu(SRNW)
Setup time, SRNW low before SCS
↓
0
ns
NOTE 11: The DIO interface/DIO write cycle is asynchronous, allowing easy adaptation to a range of microprocessor devices and computer
system interfaces.
operating characteristics over recommended operating conditions (see Note 11 and Figure 19)
write cycle DIO interface
NO.
PARAMETER
MIN
MAX
UNIT
5
tw(SRDY)
Pulse duration, SRDY high
20
ns
6
td(SRNW)
Delay time, from SRDY
↓ to SRNW↑
0
ns
7
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
ns
8
td(SDATA)
Delay time, from SRDY
↓ to SDATA7–SDATA0 invalid
0
ns
9
td(SCS-SRDY)1
Delay time from SCS
↑ to SRDY↑
0
60
ns
10
td(SCS-SRDY)2
Delay time from SCS
↓ to SRDY↓
0
ns
NOTE 11: The DIO interface/DIO write cycle is asynchronous, allowing easy adaptation to a range of microprocessor devices and computer
system interfaces.
10
2
1
6
7
8
5
9
Address
Data
OSCIN
(input)
SCS
(input)
SRNW
(input)
SAD1–SAD0
(input)
SDATA7–SDATA0
(input)
3
4
Z
Z
SRDY
(output)
Figure 19. DIO Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com