Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110PGV Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETX3110PGV
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110PGV Datasheet(HTML) 2 Page - Texas Instruments

  TNETX3110PGV Datasheet HTML 1Page - Texas Instruments TNETX3110PGV Datasheet HTML 2Page - Texas Instruments TNETX3110PGV Datasheet HTML 3Page - Texas Instruments TNETX3110PGV Datasheet HTML 4Page - Texas Instruments TNETX3110PGV Datasheet HTML 5Page - Texas Instruments TNETX3110PGV Datasheet HTML 6Page - Texas Instruments TNETX3110PGV Datasheet HTML 7Page - Texas Instruments TNETX3110PGV Datasheet HTML 8Page - Texas Instruments TNETX3110PGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TNETX3110 provides highly integrated switching solutions that allow network designers to lower overall
system costs. Based on Texas Instruments (TI
™) ThunderSWITCH™ architecture, the TNETX3110 design
integrates eight full-duplex 10-Mbit/s ports and 3 full-duplex 10-/100-Mbit/s ports, as well as an address-lookup
engine, all in a single 240-pin package. All ports on the TNETX3110 are designed to support multiple addresses,
cut-through or store-and-forward modes of operation, and VLAN. The 10-/100-Mbit/s ports have
media-independent interface (MII)-compatible interfaces and can be configured to work as MII uplinks to
high-speed switching fabrics. All three of the 10-/100-Mbit/s ports can be logically combined into a single
high-performance uplink channel that can be used to provide up to 600-Mbit/s switch-to-switch connections.
The TNETX3110 incorporates an internal content-addressable memory (CAM) capable of supporting 2,048 end
stations from a single switch. In addition, the device supports 32 user-configurable VLAN-broadcast domains
(IEEE Std 802.1Q), which allows IEEE Std 802.1P priority support interoperability, IEEE Std 802.3X full-duplex
flow control, and a collision-based flow-control scheme. The TNETX3110 also integrates an EEPROM interface
that allows the device to be initialized and configured without the added expense of a CPU. All of these features
on chip greatly reduce the number of external components required to build a switch.
The internal address-lookup engine (IALE) supports up to 2K unicast/multicast and broadcast addresses and
up to 32 IEEE Std 802.1Q VLANs. For interoperability, each port can be programmed as an access port or
non-access port to recognize VLAN tags and transmit frames with VLAN tags to other systems that support
VLAN tagging. The IALE performs destination- and source-address comparisons and forwards unknown
source- and destination-address packets to ports specified via programmable masks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com