Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110PGV Datasheet(PDF) 53 Page - Texas Instruments

Part # TNETX3110PGV
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110PGV Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETX3110PGV Datasheet HTML 49Page - Texas Instruments TNETX3110PGV Datasheet HTML 50Page - Texas Instruments TNETX3110PGV Datasheet HTML 51Page - Texas Instruments TNETX3110PGV Datasheet HTML 52Page - Texas Instruments TNETX3110PGV Datasheet HTML 53Page - Texas Instruments TNETX3110PGV Datasheet HTML 54Page - Texas Instruments TNETX3110PGV Datasheet HTML 55Page - Texas Instruments TNETX3110PGV Datasheet HTML 56Page - Texas Instruments TNETX3110PGV Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THxCLK
(input)
THxSYNC
(input)
THxCOL
THxCRS
THxLINK
THxRXD3–THxRXD0
THxRXDV
(inputs)
THxTXEN
THxTXD3–THxTXD0
THxRENEG
(outputs)
1
2
2
5
3
6
4
8
7
Figure 12. 10-Mbit/s Interface (Ports 00–07)
10-/100-Mbit/s MAC interface
Figures 14 and 15 show the timings at 100 Mbit/s and 10 Mbit/s for the 10-/100-Mbit/s port interfaces to the
TNETE2101 devices.
10-/100-Mbit/s receive ports (08, 09, and 10)
timing requirements (see Note 7 and Figure 13)†
NO.
MIN
MAX
UNIT
1
tc(MxxRCLK)
Cycle time, MxxRCLK
25
25
ns
2
tw(MxxRCLKL)
Pulse duration, MxxRCLK low
ns
3
tw(MxxRCLKH)
Pulse duration, MxxRCLK high
14
ns
4
tsu(MxxRXD)
Setup time, MxxRXD3–MxxRXD0 valid before MxxRCLK
↑
5
ns
4
tsu(MxxRXDV)
Setup time, MxxRXDV valid before MxxRCLK
↑
5
ns
4
tsu(MxxRXER)
Setup time, MxxRXER valid before MxxRCLK
↑
5
ns
5
th(MxxRXD)
Hold time, MxxRXD3–MxxRXD0 valid after MxxRCLK
↑
5
ns
5
th(MxxRXDV)
Hold time, MxxRXDV valid after MxxRCLK
↑
5
ns
5
th(MxxRXER)
Hold time, MxxRXER valid after MxxRCLK
↑
5
ns
† xx = ports 08, 09, and 10
NOTE 7: Both MxxCRS and MxxCOL are driven asynchronously by the PHY. MxxRXD3–MxxRXD0 is driven by the PHY on the falling edge of
MxxRCLK. MxxRXD3–MxxRXD0 timing must be met during clock periods when MxxRXDV is asserted. MxxRXDV is asserted and
deasserted by the PHY on the falling edge of MxxRCLK. MxxRXER is driven by the PHY on the falling edge of MxxRCLK.
MxxRXD3–MxxRXD0
MxxRXDV
MxxRXER
(inputs)
MxxRCLK
(input)
4
5
1
2
2
Figure 13. 10-/100-Mbit/s Receive Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com