Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3151 Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX3151
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX3151 Datasheet HTML 30Page - Texas Instruments TNETX3151 Datasheet HTML 31Page - Texas Instruments TNETX3151 Datasheet HTML 32Page - Texas Instruments TNETX3151 Datasheet HTML 33Page - Texas Instruments TNETX3151 Datasheet HTML 34Page - Texas Instruments TNETX3151 Datasheet HTML 35Page - Texas Instruments TNETX3151 Datasheet HTML 36Page - Texas Instruments TNETX3151 Datasheet HTML 37Page - Texas Instruments TNETX3151 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10-/100-Mbit/s port configuration (continued)
Each terminal can be considered to be bidirectional, when pulled low by either TNETX3151 or by the PHY (or
other external connections). If neither pulls the terminal low, then the pullup resistor maintains a value of 1 on
the terminal. When the PHY does not pull down a terminal, then it can determine the desired option that is being
requested by TNETX3151. TNETX3151 observes the terminal to determine if its desired option has been
granted.
The sense of these three signals is such that the higher-performance option is represented by a value of 1; if
the MAC does not require the higher performance or the PHY cannot supply it, either can pull the signal low,
forcing the port to use the lower-performance option.
The status of the link for each of these ports is indicated on the MxxLINK terminal and observable in the port’s
Portxstatus register. The MxxLINK terminal plays no part in the negotiation of speed or duplex or their recording
in the Portxstatus register.
The behavior of these terminals is summarized in Tables 12 and 13.
Table 12. Speed Configuration – MxxFORCE10
Portxcontrol
req10
MxxFORCE10
Portxstatus
SPEED
OUTCOME
(Mbit/s)
0
→
Floating 1
→
1
100
1
→
Driven 0 (by TNETX3151)
→
0
10
X
Driven 0 (by PHY)
→
0
10
Table 13. Duplex Configuration – MxxFORCEHD
Portxcontrol
reqhd
MxxFORCEHD
Portxstatus
DUPLEX
OUTCOME
0
→
Floating 1
→
1
Full duplex
1
→
Driven 0 (by TNETX3151)
→
0
Half duplex
X
Driven 0 (by PHY)
→
0
Half duplex
10-/100-Mbit/s port configuration in a nonmanaged switch
The 10-/100-Mbit/s ports can be configured in a nonmanaged switch using the following procedure:
1.
The EEPROM loads the req10 and reqhd bits of the Portxcontrol registers as required. If either of these bits
becomes a 1, the corresponding terminal is not pulled low and thus, floats high. (The reqnp bit also can be
loaded from EEPROM to enable/disable pause-frame control in the MAC, but this cannot be communicated
to the PHY. The system designer should ensure that the MAC and PHY operate using the same
pause-frame regime.)
2.
The PHYs either:
a.
Look at the MxxFORCE10 and MxxFORCEHD terminals and configure themselves as specified (if not
autonegotiating), or as the highest common denominator with the link partner, if they are
autonegotiating. If the PHYs use the information on these terminals, they must wait until TNETX3151
loads the EEPROM contents before doing so (this may require delaying the reset to the PHYs if
necessary).
b.
Ignore TNETX3151 requests and configure themselves in some other manner.
3.
The PHYs (or external system) then drive MxxFORCE10 and MxxFORCEHD low for those features that
are supported only at the lower performance. These are continuously sampled into the Portxstatus register.
4.
The MACs then operate as indicated by the Portxstatus register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com