Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3151 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX3151
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151 Datasheet(HTML) 1 Page - Texas Instruments

  TNETX3151 Datasheet HTML 1Page - Texas Instruments TNETX3151 Datasheet HTML 2Page - Texas Instruments TNETX3151 Datasheet HTML 3Page - Texas Instruments TNETX3151 Datasheet HTML 4Page - Texas Instruments TNETX3151 Datasheet HTML 5Page - Texas Instruments TNETX3151 Datasheet HTML 6Page - Texas Instruments TNETX3151 Datasheet HTML 7Page - Texas Instruments TNETX3151 Datasheet HTML 8Page - Texas Instruments TNETX3151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Port Configurations:
Twelve 10-Mbit/s Ports
– Ports Arranged in One Group of Eight
Ports and One Group of Four Ports in a
Multiplexed Interface
– Direct Multiplexer Interface to
TNETE2008
– Full and Half Duplex
– Half-Duplex Collision-Based Flow
Control
– Full-Duplex IEEE Std 802.3x Flow Control
– Interoperable Support for IEEE
Std 802.1Q VLAN
– Speed, Duplex, and Pause
Autonegotiation With Physical Layer
(PHY)
Three 10-/100-Mbit/s Ports
– Direct Interface to TNETE2101
– Full and Half Duplex
– Half-Duplex Collision-Based Flow
Control
– Full-Duplex IEEE Std 802.3x Flow Control
– Interoperable Support for IEEE
Std 802.1Q VLAN
– Pretagging Support
D Port Trunking and Load Sharing
D LED Indication of Port Status
D SDRAM Interface
– Direct Interface to 8-Bit/Word and
16-Bit/Word, 16-Mbit, and 64-Mbit
SDRAMs
– 32-Bit-Wide Data Bus
– Up to 32 Mbytes Supported
– 83.33-MHz SDRAM Clock
– 12-ns (–12) SDRAMs Required
D Remote Monitoring (RMON) Support –
Groups 1, 2, 3, and 9
D Direct I/O (DIO) Management Interface
– Eight Bits Wide
– CPU Access to Statistics, Registers, and
Management Information Bases (MIBs)
– Internal Network Management Port
– Forwards Spanning-Tree Packets to CPU
– Serial Media-Independent Interface (MII)
for PHY Control
D EEPROM Interface for Autoconfiguration
(No CPU Required for Nonmanaged Switch)
D Internal Address-Lookup/Frame-Routing
Engine
– Interoperable Support for IEEE
Std 802.1Q VLAN
– Supports IEEE Std 802.1D Spanning Tree
– Thirty-Two Assignable Virtual LANs
(VLANs)
– Multiple Forwarding Modes
– 2K Total Addresses Supported
– Port Mirroring
D IEEE Std 1149.1 (JTAG) Interface (3.3-V
Signals)
D 2.5-V Process With 3.3-V-Drive I/O
D Packaged in 240-Terminal Plastic Quad
Flatpack
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI and ThunderSWITCH are trademarks of Texas Instruments Incorporated.
Ethernet is a trademark of Xerox Corporation.
Secure Fast Switching is a trademark of Cabletron Systems, Inc.
Port-trunking and load-sharing algorithms were contributed by Cabletron Systems, Inc. and are derived from, and compatible with, Secure Fast
Switching
™.
Controller (MAC)
Controller (MAC)
Controller (MAC)
Controller (MAC)
Eight Ports
(08–15)
10 Mbit/s
Controller (MAC)
Controller (MAC)
Controller (MAC)
TAP
(JTAG)
Address
Compare
Statistics
Storage
MIB
Three Ports
(12–14)
10/100 Mbit/s
Network
Statistics
Logic
LED
Interface
CPU
Interface
SDRAM
Controller
Controller (MAC)
Controller (MAC)
MII
MII
MII
Four Ports
(04–07)
10 Mbit/s
Queue
Manager
EEPROM
Interface
Controller (MAC)
Controller (MAC)


Similar Part No. - TNETX3151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX3150 TI-TNETX3150 Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150A TI-TNETX3150A Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX3150A TI1-TNETX3150A Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150AGGP TI1-TNETX3150AGGP Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
More results

Similar Description - TNETX3151

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
TNETX3190 TI1-TNETX3190 Datasheet
847Kb / 66P
ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3270 TI1-TNETX3270 Datasheet
849Kb / 66P
ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com