Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3270PGV Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETX3270PGV
Description  ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3270PGV Datasheet(HTML) 4 Page - Texas Instruments

  TNETX3270PGV Datasheet HTML 1Page - Texas Instruments TNETX3270PGV Datasheet HTML 2Page - Texas Instruments TNETX3270PGV Datasheet HTML 3Page - Texas Instruments TNETX3270PGV Datasheet HTML 4Page - Texas Instruments TNETX3270PGV Datasheet HTML 5Page - Texas Instruments TNETX3270PGV Datasheet HTML 6Page - Texas Instruments TNETX3270PGV Datasheet HTML 7Page - Texas Instruments TNETX3270PGV Datasheet HTML 8Page - Texas Instruments TNETX3270PGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TNETX3270
ThunderSWITCH
™ 24/3 ETHERNET™ SWITCH
WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGV PACKAGE
(TOP VIEW)
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
DD26
DD27
DD28
VDD(2.5V)
DD29
DD30
DD31
GND
DCAS
DRAS
DW
VDD(3.3V)
DCLK
GND
DA00
DA01
VDD(2.5V)
DA02
DA03
DA04
GND
DA05
DA06
DA07
DA08
DA09
DA10
GND
DA11
DA12
VDD(2.5V)
DA13
TH0RENEG
GND
TH0TXD0
TH0TXD1
TH0TXD2
TH0TXD3
TH0TXEN
GND
TH0SYNC
TH0CLK
TH0COL
TH0CRS
VDD(2.5V)
TH0RXDV
TH0RXD0
TH0RXD1
VDD(3.3V)
TH0RXD2
TH0RXD3
TH0LINK
TH1RENEG
TH1TXD0
GND
TH1TXD1
TH1TXD2
VDD(2.5V)
TH1TXD3
TH1TXEN
MDIO
MRESET
VDD(2.5V)
ECLK
EDIO
RESET
LEDDATA
LEDCLK
OSCIN
TRST
TDI
VDD(3.3V)
TDO
TMS
TCLK
VDD(2.5V)
M26FORCE10
M26FORCEHD
M26LINK
M26RXER
GND
M26RXDV
M26RXD3
M26RXD2
M26RXD1
M26RXD0
GND
M26RCLK
M26CRS
VDD(2.5V)
M26COL
M26TXER
GND
M26TXEN
M26TXD3
M26TXD2
M26TXD1
M26TXD0
M26TCLK
GND
M25FORCE10
M25FORCEHD
M25LINK
VDD(2.5V)
M25RXER
M25RXDV
GND
M25RXD3
VDD(3.3V)
M25RXD2
M25RXD1
M25RXD0
GND
M25RCLK
M25CRS
M25COL
VDD(2.5V)
M25TXER
M25TXEN
M25TXD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com