Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3270PGV Datasheet(PDF) 53 Page - Texas Instruments

Part # TNETX3270PGV
Description  ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3270PGV Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETX3270PGV Datasheet HTML 49Page - Texas Instruments TNETX3270PGV Datasheet HTML 50Page - Texas Instruments TNETX3270PGV Datasheet HTML 51Page - Texas Instruments TNETX3270PGV Datasheet HTML 52Page - Texas Instruments TNETX3270PGV Datasheet HTML 53Page - Texas Instruments TNETX3270PGV Datasheet HTML 54Page - Texas Instruments TNETX3270PGV Datasheet HTML 55Page - Texas Instruments TNETX3270PGV Datasheet HTML 56Page - Texas Instruments TNETX3270PGV Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
TNETX3270
ThunderSWITCH
™ 24/3 ETHERNET™ SWITCH
WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10-Mbit/s interface (ports 00–23)
timing requirements (see Notes 3 through 6 and Figure 13)
NO.
MIN
MAX
UNIT
1
tc(THxCLK)†
Cycle time, THxCLK
50
58
ns
2
Tw(THxCLK)
Pulse duration, THxCLK high or low
23
27
ns
3
tsu(THxSYNC)
Setup time, THxSYNC high before THxCLK
↓
8
ns
4
tsu(THxCOL)
Setup time, THxCOL high before THxCLK
↑
8
ns
4
tsu(THxCRS)
Setup time, THxCRS high before THxCLK
↑
8
ns
4
tsu(THxLINK)
Setup time, THxLINK high before THxCLK
↑
8
ns
4
tsu(THxRXD)
Setup time, THxRXD3–THxRXD0 valid before THxCLK
↑
8
ns
4
tsu(THxRXDV)
Setup time, THxRXDV high before THxCLK
↑
8
ns
5
th(THxSYNC)
Hold time, THxSYNC high after THxCLK
↓
8
ns
6
th(THxCOL)
Hold time, THxCOL high after THxCLK
↑
8
ns
6
th(THxCRS)
Hold time, THxCRS high after THxCLK
↑
8
ns
6
th(THxLINK)
Hold time, THxLINK high after THxCLK
↑
8
ns
6
th(THxRXD)
Hold time, THxRXD3–THxRXD0 valid after THxCLK
↑
8
ns
6
th(THxRXV)
Hold time, THxRXDV high after THxCLK
↑
8
ns
tr(THxCLK)
Rise time, THxCLK
2
ns
tf(THxCLK)
Fall time, THxCLK
2
ns
† THx = TH0, TH1, and TH2
NOTES:
3. The TNETE2008 must supply at least two THxSYNC pulses under normal conditions before driving valid data on the inputs to the
TNETX3270, or before expecting valid data on the outputs from the TNETX3270. This means that at least two full sequences must
be executed; only with the third THxSYNC pulse is valid data presented/expected.
4. At least two clocks must be driven before the deassertion of the system reset signal, and a minimum of two clocks must be driven
after the deassertion of the the system reset signal to ensure complete initialization of the internal circuitry of the TNETX3270 before
there is any valid activity across the interface.
5. For receive data, the TNETE2008 asserts the THxCOL signal during the appropriate slot time if it was asserted for any of the four
bits of data corresponding to that slot time.
6. For receive data, the TNETE2008 asserts the THxRXDV signal only if there are four valid bits of data in the nibble.
operating characteristics over recommended operating conditions (see Notes 3 through 6 and
Figure 13)
NO.
PARAMETER
MIN
MAX
UNIT
7
td(THxEN)†
Delay time, from THxCLK
↑ to THxTXEN↑
13.5
ns
7
td(THxTXD)
Delay time, from THxCLK
↑ to THxTXD3–THxTXD0 valid
13.5
ns
7
td(THxRENEG)
Delay time, from THxCLK
↑ to THxRENEG↓
13.5
ns
8
td(THxTXEN)
Delay time, from THxCLK
↑ to THxTXEN↓
0
ns
8
td(THxTXD)
Delay time, from THxCLK
↑ to THxTXD3–THxTXD0 invalid
0
ns
8
td(THxRENEG)
Delay time, from THxCLK
↑ to THxRENEG↑
0
ns
† THx = TH0, TH1, and TH2
NOTES:
3. The TNETE2008 must supply at least two THxSYNC pulses under normal conditions before driving valid data on the inputs to the
TNETX3270, or before expecting valid data on the outputs from the TNETX3270. This means that at least two full sequences must
be executed; only with the third THxSYNC pulse is valid data presented/expected.
4. At least two clocks must be driven before the deassertion of the system reset signal, and a minimum of two clocks must be driven
after the deassertion of the the system reset signal to ensure complete initialization of the internal circuitry of the TNETX3270 before
there is any valid activity across the interface.
5. For receive data, TNETE2008 asserts the THxCOL signal during the appropriate slot time if it was asserted for any of the four bits
of data corresponding to that slot time.
6. For receive data, the TNETE2008 asserts the THxRXDV signal only if there are four valid bits of data in the nibble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com