Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF080 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST39LF080
Description  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST39LF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 26Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
Data Sheet
8 Mbit / 16 Mbit Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
PRODUCT ORDERING INFORMATION
Valid combinations for SST39LF080
SST39LF080-55-4C-EI
SST39LF080-55-4C-B3K
Valid combinations for SST39VF080
SST39VF080-70-4C-EI
SST39VF080-70-4C-B3K
SST39VF080-90-4C-EI
SST39VF080-90-4C-B3K
SST39VF080-70-4I-EI
SST39VF080-70-4I-B3K
SST39VF080-90-4I-EI
SST39VF080-90-4I-B3K
Valid combinations for SST39LF016
SST39LF016-55-4C-EI
SST39LF016-55-4C-B3K
Valid combinations for SST39VF016
SST39VF016-70-4C-EI
SST39VF016-70-4C-B3K
SST39VF016-90-4C-EI
SST39VF016-90-4C-B3K
SST39VF016-70-4I-EI
SST39VF016-70-4I-B3K
SST39VF016-90-4I-EI
SST39VF016-90-4I-B3K
Note:
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST39VFxxx
-XX
-XX
-XX
Package Modifier
I = 40 leads
K = 48 balls
Package Type
E = TSOP (10mm x 20mm)
B3 = TFBGA (0.8mm pitch, 6mm x 8mm)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
55 = 55 ns
70 = 70 ns
90 = 90 ns
Device Density
080 = 8 Megabit
016 = 16 Megabit
Voltage
L = 3.0-3.6V
V = 2.7-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com