Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF080 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST39LF080
Description  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST39LF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
Data Sheet
8 Mbit / 16 Mbit Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
FIGURE 9: WE# CONTROLLED BLOCK-ERASE TIMING DIAGRAM
FIGURE 10: WE# CONTROLLED SECTOR-ERASE TIMING DIAGRAM
396 ILL F09.2
Note: The device also supports CE# controlled Block-Erase operation. The WE# and CE# signals are
interchangeable as long as minimum timings are met. (See Table 14)
AMS = Most significant address
AMS = A19 for SST39LF/VF080 and A20 for SST39LF/VF016.
ADDRESS AMS-0
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
5555
2AAA
2AAA
5555
5555
55
50
55
AA
80
AA
BAX
OE#
CE#
SIX-BYTE CODE FOR BLOCK-ERASE
TBE
TWP
396 ILL F10.2
ADDRESS AMS-0
Note: The device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are
interchangeable as long as minimum timings are met. (See Table 14)
AMS = Most significant address
AMS = A19 for SST39LF/VF080 and A20 for SST39LF/VF016.
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
5555
2AAA
2AAA
5555
5555
55
30
55
AA
80
AA
SAX
OE#
CE#
SIX-BYTE CODE FOR SECTOR-ERASE
TSE
TWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com