Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53313 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53313 Datasheet HTML 1Page - Texas Instruments TPS53313 Datasheet HTML 2Page - Texas Instruments TPS53313 Datasheet HTML 3Page - Texas Instruments TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS53313
SLUSAS8
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
ORDERABLE
OUTPUT
TA
PACKAGE
PINS
MINIMUM QUANTITY
ECO PLAN
DEVICE NUMBER
SUPPLY
TPS53313RGER
24
Tape and reel
3000
Plastic QFN
Green (RoHS and no
–40°C to 85°C
(RGE)
Pb/Br)
TPS53313RGET
24
Mini reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Over operating free air-temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
20.0
VBST
–0.3
27.0
VBST to SW
–0.3
7.0
DC
–2
20
Input voltage range
SW (bidirectional)
V
transient
< 20 ns
–3
20
VVIN ≥ 17
–0.3
17.0
EN
VVIN < 17
–0.3
VVIN+0.1
FB, MODE/SS
–0.3
3.6
COMP, RT/SYNC, BP3
–0.3
3.6
Output voltage range
BP7
–0.3
7.0
V
PGD
–0.3
17.0
Output Current
6
A
Ground Pins
GND
–0.3
0.3
V
Human Body Model (HBM)
2000
Electrostatic Discharge
V
Charged Device Model (CDM)
500
Storage temperature, Tstg
–55
150
°C
Operating temperature, TJ
–40
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the corresponding LL terminal.
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com