Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53313 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53313 Datasheet HTML 9Page - Texas Instruments TPS53313 Datasheet HTML 10Page - Texas Instruments TPS53313 Datasheet HTML 11Page - Texas Instruments TPS53313 Datasheet HTML 12Page - Texas Instruments TPS53313 Datasheet HTML 13Page - Texas Instruments TPS53313 Datasheet HTML 14Page - Texas Instruments TPS53313 Datasheet HTML 15Page - Texas Instruments TPS53313 Datasheet HTML 16Page - Texas Instruments TPS53313 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS53313
VIN
SW
VIN
Output All MLCCs
UDG-11254
CBST
PG
FB
COMP
BP7
AGND
RT/SYNC
EN
MODE/SS
VBST
PowerPad
PGND
BP3
VIN
VOUT
EN
PGOOD
(
)
IN
OUT
OUT
L(ripple)
SW
IN
V
V
V
1
I
L f
V
-
´
=
´
´
RIPPLE
RIPPLE(C)
RIPPLE(ESR)
RIPPLE(ESL)
V
V
V
V
=
+
+
TPS53313
www.ti.com
SLUSAS8
– DECEMBER 2011
APPLICATION INFORMATION
DESIGN EXAMPLE
The following example illustrates the design process and component selection for a single-output synchronous
buck converter using the TPS53313. The design example schematic of a is shown in Figure 13. The specification
of the converter is listed in Table 3.
Table 3. Design Example Converter Specifications
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN
Input voltage
10.8
12.0
13.2
V
VOUT
Output voltage
1.2
V
VRIPPLE
Output ripple
IOUT = 6 A
1% of VOUT
V
IOUT
Output current
6
A
fSW
Switching frequency
600
kHz
Figure 13. Typical 12-V input Application Circuit Diagram
Output Inductor Selection
The inductance value should be determined to give the ripple current of approximately 20% to 40% of maximum
output current. The inductor ripple current is determined by
(1)
The inductor also requires a low DCR to achieve good efficiency, as well as enough room above peak inductor
current before saturation.
Output Capacitor Selection
The output capacitor selection is determined by output ripple and transient requirement. When operating in CCM,
the output ripple has three components:
(2)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com