Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF064 Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
39
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.1 Check Power Mode - 98H or E5H
This command checks the power mode.
Because SST CompactFlash card can recover from sleep in 200ms, idle mode is never enabled.
CompactFlash card sets BSY, sets the Sector Count Register to 00H, clears BSY and generates an
interrupt.
3.2.1.2 Execute Drive Diagnostic - 90H
This command performs the internal diagnostic tests implemented by the CompactFlash card.
If in PCMCIA configuration this command runs only on the CompactFlash card which is addressed by
the Drive/Head register when the diagnostic command is issued. This is because PCMCIA card
interface does not allows for direct inter-drive communication (such as the ATA PDIAG and DASP
signals). If in True IDE Mode the Drive bit is ignored and the diagnostic command is executed by both
the Master and the Slave with the Master responding with status for both devices.
The Diagnostic codes shown in Table 3-7 are returned in the Error Register at the end of the command.
Bit ->
76
54
32
10
Command (7)
97H or E5H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
90H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
TABLE
3-7: DIAGNOSTIC CODES
Code
Error Type
01H
No Error Detected
02H
Formatter Device Error
03H
Sector Buffer Error
04H
ECC Circuitry Error
05H
Controlling Microprocessor Error
8XH
Slave Error in True IDE Mode
T3-7.0 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com