Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF064 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
12
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
-VS1
-VS2
(PC Card Memory Mode)
O33
40
Voltage Sense Signals. -VS1 is grounded so that the CompactFlash
card CIS can be read at 3.3V and -VS2 is reserved by PCMCIA for a
secondary voltage.
-VS1
-VS2
(PC Card I/O Mode)
This signal is the same for all modes.
-VS1
-VS2
(True IDE Mode)
This signal is the same for all modes.
-WAIT
(PC Card Memory Mode)
O
42
The -WAIT signal is driven low by the CompactFlash
Card to signal the host to delay completion of a memory or I/O cycle
that is in progress.
-WAIT
(PC Card I/O Mode)
This signal is the same as the PC Card Memory Mode signal.
IORDY
(True IDE Mode)
In True IDE Mode this output signal may be used as IORDY.
-WE
(PC Card Memory Mode)
I
36
This is a signal driven by the host and used for strobing memory
write data to the registers of the CompactFlash card when the card is
configured in the memory interface mode. It is also used for writing
the configuration registers.
-WE
(PC Card I/O Mode)
In PC Card I/O Mode, this signal is used for writing the configuration
registers.
-WE
(True IDE Mode)
In True IDE Mode this input signal is not used and should be con-
nected to VDD by the host.
WP
(PC Card Memory Mode)
Write Protect
O
24
Memory Mode - The CompactFlash card does not have
a write protect switch. This signal is held low after the completion
of the reset initialization sequence.
-IOIS16
(PC Card I/O Mode)
I/O Operation - When the CompactFlash card is configured for I/O
Operation Pin 24 is used for the -I/O Selected is 16 Bit Port (-IOIS16)
function. A Low signal indicates that a 16 bit or Odd Byte only opera-
tion can be performed at the addressed port.
-IOIS16
(True IDE Mode)
In True IDE Mode this output signal is asserted low when this device
is expecting a word data transfer cycle.
T2-2.0 375
1. I = Input
0 = Output
TABLE
2-2: SIGNAL DESCRIPTION (CONTINUED) (4 OF 4)
Symbol
Type1
Pin
Name and Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com