Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF256 Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 27Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
23
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.4 Card Configuration
The CompactFlash cards are identified by appropriate information in the Card Information Structure (CIS). The fol-
lowing configuration registers are used to coordinate the I/O spaces and the Interrupt level of cards that are located
in the system. In addition, these registers provide a method for accessing status information about the Compact-
Flash card that may be used to arbitrate between multiple interrupt sources on the same interrupt level or to
replace status information that appears on dedicated pins in memory cards that have alternate use in I/O cards.
Note: The location of the card configuration registers should always be read from the CIS locations 0000H to 0198H. No writes should be per-
formed to the CompactFlash card attribute memory except to the card configuration register addresses. All other attribute memory loca-
tions are reserved.
TABLE
2-11: REGISTERS AND MEMORY SPACE DECODING
-CE2
-CE1
-REG
-OE
-WE
A10
A9
A8-A4
A3
A2
A1
A0
Selected Space
1
1
X
X
X
X
XXXX
X
X
X
Standby
X
0
0
0
1
0
1
XX
X
X
X
0
Configuration Registers Read
1
0
1
0
1
X
X
XX
X
X
X
X
Common Memory Read (8 bit D7-D0)
0
1
1
0
1
X
X
XX
X
X
X
X
Common Memory Read (8 bit D15-D8)
0
0
1
0
1
X
X
XX
X
X
X
0
Common Memory Read (16 bit D15-D0)
X
0
0
1
0
0
1
XX
X
X
X
0
Configuration Registers Write
1
0
1
1
0
X
X
XX
X
X
X
X
Common Memory Write (8 bit D7-D0)
0
1
1
1
0
X
X
XX
X
X
X
X
Common Memory Write (8 bit D15-D8)
0
0
1
1
0
X
X
XX
X
X
X
0
Common Memory Write (16 bit D15-D0)
X
0
0
0
1
0
0
XX
X
X
X
0
Card Information Structure Read
1
0
0
1
0
0
0
XX
X
X
X
0
Invalid Access (CIS Write)
1
0
0
0
1
X
X
XX
X
X
X
1
Invalid Access (Odd Attribute Read)
1
0
0
1
0
X
X
XX
X
X
X
1
Invalid Access (Odd Attribute Write)
0
1
0
0
1
X
X
XX
X
X
X
X
Invalid Access (Odd Attribute Read)
0
1
0
1
0
X
X
XX
X
X
X
X
Invalid Access (Odd Attribute Write)
T2-11.0 375
TABLE
2-12: CONFIGURATION REGISTERS DECODING
-CE2
-CE1
-REG
-OE
-WE
A10
A9
A8-A4
A3
A2
A1
A0
Selected Register
X
0
0
0
1
0
1
00
0
0
0
0
Configuration Option Reg Read
X
0
0
1
0
0
1
00
0
0
0
0
Configuration Option Reg Write
X
0
0
0
1
0
1
00
0
0
1
0
Card Status Register Read
X
0
0
1
0
0
1
00
0
0
1
0
Card Status Register Write
X
0
0
0
1
0
1
00
0
1
0
0
Pin Replacement Register Read
X
0
0
1
0
0
1
00
0
1
0
0
Pin Replacement Register Write
X
0
0
0
1
0
1
00
0
1
1
0
Socket and Copy Register Read
X
0
0
1
0
0
1
00
0
1
1
0
Socket and Copy Register Write
T2-12.0 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com